Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4210 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4210
Description  High-Side Power and Current Monitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4210 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4210 Datasheet HTML 7Page - Maxim Integrated Products MAX4210 Datasheet HTML 8Page - Maxim Integrated Products MAX4210 Datasheet HTML 9Page - Maxim Integrated Products MAX4210 Datasheet HTML 10Page - Maxim Integrated Products MAX4210 Datasheet HTML 11Page - Maxim Integrated Products MAX4210 Datasheet HTML 12Page - Maxim Integrated Products MAX4210 Datasheet HTML 13Page - Maxim Integrated Products MAX4210 Datasheet HTML 14Page - Maxim Integrated Products MAX4210 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Typical Operating Characteristics (continued)
(VCC = 5.0V, VRS+ = 25V, VSENSE = 100mV, VIN = 1V, VLE = 0V, RIOUT = RPOUT = 1M
Ω, VCIN1+ = VCIN2+ = VREF, VCIN1- = VCIN2- =
0V, VINHIBIT = 0V, RCOUT1 = RCOUT2 = 5k
Ω connected to VCC, TA = +25°C, unless otherwise noted.)
High-Side Power and
Current Monitors
______________________________________________________________________________________
11
24.80
24.90
24.85
25.00
24.95
25.05
25.10
-40
10
-15
35
60
85
POWER GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
MAX4211E
24.70
24.80
24.75
24.90
24.85
24.95
25.00
-40
10
-15
35
60
85
CURRENT GAIN vs. TEMPERATURE
TEMPERATURE (
°C)
MAX4211E
0
0.5
1.5
1.0
2.0
2.5
0
0.6
0.3
0.9
1.2
1.5
MULTIPLIER TRANSFER CHARACTERISTICS
IN VOLTAGE (V)
MAX4211D
VSENSE = 100mV
VSENSE = 70mV
VSENSE = 30mV
0
1
3
2
4
5
0
100
50
150
200
250
300
MULTIPLIER TRANSFER CHARACTERISTICS
SENSE VOLTAGE (mV)
VRS+ = 25V
VRS+ = 15V
VRS+ = 4V
MAX4211B
0
1.0
0.5
2.0
1.5
2.5
3.0
412
16
8
202428
MULTIPLIER TRANSFER CHARACTERISTICS
RS+ VOLTAGE (V)
VSENSE = 100mV
VSENSE = 70mV
VSENSE = 30mV
MAX4211B
1.200
1.205
1.210
1.215
1.220
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
3.9
4.3
3.1
3.5
4.7
5.1
5.5
-2.0
-1.4
-1.6
-1.8
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
400
200
600
800
1000
1200
POWER OUTPUT ERROR
vs. IN VOLTAGE
IN VOLTAGE (mV)
TA = 0
°C
TA = -40
°C
TA = +25
°C
TA = +85
°C
-2.0
-1.4
-1.6
-1.8
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
050
25
75
100
125
150
CURRENT OUTPUT ERROR
vs. SENSE VOLTAGE
SENSE VOLTAGE (mV)
TA = +85
°C
TA = +25
°C
TA = 0
°C
TA = -40
°C
-1.0
-0.4
-0.6
-0.8
0
-0.2
0.8
0.6
0.4
0.2
1.0
4
7
10
13
16
19
22
25
POWER OUTPUT ERROR vs. VRS+
VRS+ VOLTAGE (V)
MAX4211B
TA = -40
°C
TA = 0
°C
TA = +85
°C
TA = +25
°C


Similar Part No. - MAX4210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210A MAXIM-MAX4210A Datasheet
309Kb / 4P
   MAX4210E Evaluation Kit
Rev 0; 7/04
MAX4210AETT-T MAXIM-MAX4210AETT-T Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210AEUA MAXIM-MAX4210AEUA Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
MAX4210E MAXIM-MAX4210E Datasheet
309Kb / 4P
   MAX4210E Evaluation Kit
Rev 0; 7/04
More results

Similar Description - MAX4210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
   High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
   Low power high side current monitors
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
   High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
   High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
   AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com