Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6911IMS-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6911IMS-1
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911IMS-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC6911IMS-1 Datasheet HTML 1Page - Linear Technology LTC6911IMS-1 Datasheet HTML 2Page - Linear Technology LTC6911IMS-1 Datasheet HTML 3Page - Linear Technology LTC6911IMS-1 Datasheet HTML 4Page - Linear Technology LTC6911IMS-1 Datasheet HTML 5Page - Linear Technology LTC6911IMS-1 Datasheet HTML 6Page - Linear Technology LTC6911IMS-1 Datasheet HTML 7Page - Linear Technology LTC6911IMS-1 Datasheet HTML 8Page - Linear Technology LTC6911IMS-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC6911-1/LTC6911-2
5
sn691112 691112fs
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C/I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
LTC6911-1 Only
Channel-to-Channel Voltage
VS = 5V, Gain = 1, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
Gain Match
VS = 5V, Gain = 1, RL = 500Ω
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = 5V, Gain = 2, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = 5V, Gain = 5, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 5V, Gain = 10, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 5V, Gain = 10, RL = 500Ω
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 5V, Gain = 20, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 5V, Gain = 50, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 5V, Gain = 100, RL = 10k
q
–0.2 0.02
0.2
–0.2
0.02
0.2
dB
VS = 5V, Gain = 100, RL = 500Ω
q
–0.8 0.02
0.8
–1.2
0.02
1.2
dB
VS = ±5V, Gain = 1, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = ±5V, Gain = 1, RL = 500Ω
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = ±5V, Gain = 2, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = ±5V, Gain = 5, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = ±5V, Gain = 10, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = ±5V, Gain = 10, RL = 500Ω
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = ±5V, Gain = 20, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = ±5V, Gain = 50, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = ±5V, Gain = 100, RL = 10k
q
–0.2 0.02
0.2
–0.2
0.02
0.2
dB
VS = ±5V, Gain = 100, RL = 500Ω
q
–0.6 0.02
0.6
–0.9
0.02
0.9
dB
Gain Temperature Coefficient
VS = 5V, Gain = 1, RL = Open
2
2
ppm/
°C
VS = 5V, Gain = 2, RL = Open
–1.5
–1.5
ppm/
°C-
VS = 5V, Gain = 5, RL = Open
–11
–11
ppm/
°C
VS = 5V, Gain = 10, RL = Open
–30
–30
ppm/
°C
VS = 5V, Gain = 20, RL = Open
–38
–38
ppm/
°C
VS = 5V, Gain = 50, RL = Open
–70
–70
ppm/
°C
VS = 5V, Gain = 100, RL = Open
–140
–140
ppm/
°C
Channel-to-Channel Gain Temperature VS = 5V, Gain = 1, RL = Open
1.0
1.0
ppm/
°C
Coefficient Match
VS = 5V, Gain = 2, RL = Open
1.0
1.0
ppm/
°C
VS = 5V, Gain = 5, RL = Open
0.2
0.2
ppm/
°C
VS = 5V, Gain = 10, RL = Open
1.0
1.0
ppm/
°C
VS = 5V, Gain = 20, RL = Open
0.4
0.4
ppm/
°C
VS = 5V, Gain = 50, RL = Open
3.0
3.0
ppm/
°C
VS = 5V, Gain = 100, RL = Open
3.0
3.0
ppm/
°C
Channel-to-Channel Isolation (Note 7)
f = 200kHz
VS = 5V, Gain = 1, RL = 10k
108
108
dB
VS = 5V, Gain = 10, RL = 10k
107
107
dB
VS = 5V, Gain = 100, RL = 10k
93
93
dB
Offset Voltage Magnitude Referred
Gain = 1
q
2.0
22
2.0
22
mV
to INA or INB Pins (Note 8)
Gain = 10
q
1.1
12
1.1
14
mV
Offset Voltage Magnitude Drift
Gain = 1
12
20
µV/°C
Referred to INA or INB Pins (Note 8)
Gain = 10
6.6
11
µV/°C


Similar Part No. - LTC6911IMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
More results

Similar Description - LTC6911IMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
   Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6910-1 LINER-LTC6910-1_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-2 LINER-LTC6910-2_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-1 LINER-LTC6910-1 Datasheet
250Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
LTC6910-3 LINER-LTC6910-3_15 Datasheet
251Kb / 24P
   Digitally Controlled Programmable Gain Amplifiers in SOT-23
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com