Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA4523AYH Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # EA4523AYH
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

EA4523AYH Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button EA4523AYH Datasheet HTML 4Page - Active-Semi, Inc EA4523AYH Datasheet HTML 5Page - Active-Semi, Inc EA4523AYH Datasheet HTML 6Page - Active-Semi, Inc EA4523AYH Datasheet HTML 7Page - Active-Semi, Inc EA4523AYH Datasheet HTML 8Page - Active-Semi, Inc EA4523AYH Datasheet HTML 9Page - Active-Semi, Inc EA4523AYH Datasheet HTML 10Page - Active-Semi, Inc EA4523AYH Datasheet HTML 11Page - Active-Semi, Inc EA4523AYH Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ACT4523A
Rev 0, 25-Jul-13
Innovative Power
TM
- 8 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
VOUT
COUT
RCOMP CCOMP CCOMP2
2.5V
47μF Ceramic CAP
5.6kΩ
2.2nF
None
3.3V
47μF Ceramic CAP
6.2kΩ
2.2nF
None
5V
47μF Ceramic CAP
12kΩ
2.2nF
None
2.5V
220μF/10V/30mΩ
20kΩ
2.2nF
47pF
3.3V
220μF/10V/30mΩ
20kΩ
2.2nF
47pF
5V
220μF/10V/30mΩ
20kΩ
2.2nF
47pF
(15)
(Ω)
(16)
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
OUT
OUT
6
COMP
C
V
10
45
.
6
C
_
×
=
(F)
(14)
(13)
(F)
COMP
5
COMP
R
10
83
.
2
C
×
=
(12)
(Ω)
OUT
OUT
7
C
V
10
12
.
5
×
=
V
808
.
0
G
G
10
f
C
V
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
π
(11)
COMP2
COMP
3
P
C
R
π
2
1
f
=
(10)
COMP
COMP
1
Z
C
R
π
2
1
f
=
(9)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(8)
(7)
COMP
VEA
OUT
VDC
G
A
I
V
808
.
0
A
=
STABILITY COMPENSATION
Figure 4:
Stability Compensation
: CCOMP2 is needed only for high ESR output capacitor
The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure
4. The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
The second pole P2 is the output pole:
The first zero Z1 is due to RCOMP and CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
The following steps should be used to compensate
the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 6.58 / (VOUTCOUT). Therefore:
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output
capacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 1 shows some calculated results based on
the compensation method above.
Table 1:
Typical Compensation for Different Output
Voltages and Output Capacitors
: CCOMP2 is needed for high ESR output capacitor.
CCOMP2 ≤ 47pF is recommended.
CC Loop Stability
The constant-current control loop is internally
compensated over the 1500mA-3000mA output
range. No additional external compensation is
required to stabilize the CC current.
Output Cable Resistance Compensation
To compensate for resistive voltage drop across the
charger's output cable, the ACT4523A integrates a
simple, user-programmable cable voltage drop
compensation using the impedance at the FB pin.
Use the curve in Figure 5 to choose the proper
feedback resistance values for cable compensation.
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
(
)
OUT
OUT
ESRCOUT
V
006
.
0
,
C
10
77
.
1
Min
R
6
_
×
×


Similar Part No. - EA4523AYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4524YH ACTIVE-SEMI-EA4524YH Datasheet
1Mb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
More results

Similar Description - EA4523AYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
   Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com