Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLFDU004-06 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # SLFDU004-06
Description  FTTA Fiber Distribution Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLFDU004-06 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLFDU004-06 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLFDU004-06 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet - DRAFT
FTTA Fiber Distribution Unit
6 duplex cables
SLFDU004-06
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax.
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Description
This fiber distribution unit is used for fiber management on top of the mast or at the base station. Brackets
ensure an easy installation at a wall or mast (mast mounting requires additional mounting material).
Fiber Termination
Capacity
12 fibers
Adapter
6 x LC Duplex single mode adapters (preinstalled)
Parts
Box
Polycarbonat
1 pce (UV resistant, RAL 7035)
Wall mounting brackets
Steel, zinc plated
2 pcs
Cable gland M40x1.5 mm
Plastic
1 pce
Cable gland M25x1.5 mm
Plastic
2 pcs
Insert 3x7mm, M25x1.5 mm
Rubber
2 pcs
LC-Duplex Adapters
Plastic
6 pcs
FO Adapter plate
Steel, powder coated
1 pce
Air valve M20
Plastic
1 pcs
Screw and washer mounting set
Stainless steel
4 pcs (M4x16mm)
Hinge
Plastic
1 pcs
Cable entry
Distribution head
1 x M40x1,5 mm cable gland (preinstalled)
Jumper cables
2 x M25x1,5 mm cable gland (preinstalled), each suitable for 3
individual jumpers (ø 7 mm)


Similar Part No. - SLFDU004-06

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
logo
List of Unclassifed Man...
SLF ETC2-SLF Datasheet
296Kb / 8P
   SMD Shielded Power Inductors
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
SLF-01T-P1.3E JST-SLF-01T-P1.3E Datasheet
178Kb / 4P
   4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLFDU004-06

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DCPDU BEL-DCPDU Datasheet
678Kb / 6P
   DC POWER DISTRIBUTION UNIT
logo
DAICO Industries, Inc.
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
   Output Signal Distribution Unit
logo
Festo Corporation.
552802 FESTO-552802 Datasheet
93Kb / 2P
   Fiber-optic unit
552798 FESTO-552798 Datasheet
91Kb / 2P
   Fiber-optic unit
552800 FESTO-552800 Datasheet
90Kb / 2P
   Fiber-optic unit
552796 FESTO-552796 Datasheet
91Kb / 2P
   Fiber-optic unit
552797 FESTO-552797 Datasheet
89Kb / 2P
   Fiber-optic unit
552795 FESTO-552795 Datasheet
89Kb / 2P
   Fiber-optic unit
552801 FESTO-552801 Datasheet
93Kb / 2P
   Fiber-optic unit
552799 FESTO-552799 Datasheet
90Kb / 2P
   Fiber-optic unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com