Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHR4205-AS12Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHR4205-AS12Z
Description  Choice of five bright colors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4205-AS12Z Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHR4205-AS12Z Datasheet HTML 1Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 2Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 3Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 4Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 5Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 6Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 7Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 8Page - Vishay Siliconix TLHR4205-AS12Z Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLHG420., TLHO420., TLHR420., TLHY420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 09-Jan-17
1
Document Number: 83005
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
DESCRIPTION
The
TLH.42..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 3 mm tinted clear plastic package. The wide
viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
FEATURES
• Choice of five bright colors
• Standard T-1 package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 22°
19220
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLHR4200
Red
4
8
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4201
Red
6.3
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4201-AS12Z
Red
6.3
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4205
Red
10
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4205-AS12Z
Red
10
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHO4200
Soft orange
4
10
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHO4200-AS12Z Soft orange
4
10
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHO4201
Soft orange
10
18
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHY4200
Yellow
4
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4200-AS12Z
Yellow
4
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4201
Yellow
6.3
15
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4205
Yellow
10
20
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4205-MS12
Yellow
10
20
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG4200
Green
6.3
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4200-AS12Z
Green
6.3
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4201
Green
10
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4205
Green
16
20
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHR4205-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4205-AS12Z VISHAY-TLHR4205-AS12Z Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLHR4205-AS12Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
   pushbutton head - 횠 30 - 7 colors choice
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com