Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHO420 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLHO420
Description  Choice of five bright colors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO420 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLHO420 Datasheet HTML 3Page - Vishay Siliconix TLHO420 Datasheet HTML 4Page - Vishay Siliconix TLHO420 Datasheet HTML 5Page - Vishay Siliconix TLHO420 Datasheet HTML 6Page - Vishay Siliconix TLHO420 Datasheet HTML 7Page - Vishay Siliconix TLHO420 Datasheet HTML 8Page - Vishay Siliconix TLHO420 Datasheet HTML 9Page - Vishay Siliconix TLHO420 Datasheet HTML 10Page - Vishay Siliconix TLHO420 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TLHG420., TLHO420., TLHR420., TLHY420.
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 09-Jan-17
10
Document Number: 83005
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE DIMENSIONS in millimeters
Option
Dim. “H” ± 0.5 mm
Dim. “X” ± 0.5 mm
AS
17.3
-
MS
25.5
-
21885
Quantity per:
2000
Reel
(Mat.-no. 1764)
0.9 max.
Ø 4 ± 0.2
6.35 ± 0.7
12.7 ± 0.2
5.08 ± 0.7
12.7 ± 1
± 2
± 1
2.54
+ 0.6
- 0.1
Measure limit over 20 index-holes: ± 1
5.08
+ 0.6
- 0.1
3.81 ± 0.7


Similar Part No. - TLHO420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHO420 VISHAY-TLHO420 Datasheet
215Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Non-Diffused Package
01-Jan-2022
TLHO420. VISHAY-TLHO420. Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHO4200 VISHAY-TLHO4200 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
TLHO4200 VISHAY-TLHO4200 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHO4201 VISHAY-TLHO4201 Datasheet
313Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. 1.3, 31-Aug-04
More results

Similar Description - TLHO420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
List of Unclassifed Man...
9001KR1U ETC2-9001KR1U Datasheet
80Kb / 1P
   pushbutton head - 횠 30 - 7 colors choice
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com