Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170-080-00000 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 170-080-00000
Description  PROTECTION CAP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

170-080-00000 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  170-080-00000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 170-080-00000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
PROTECTION CAP
170-XXX-XXXXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
A = Inner diameter
Tolerances: ± 0,1 mm
B = Inside length
Tolerances: ± 1,59 mm
C = Wall thickness
Tolerances: ± 0,25 mm (6,35mm
measured from open end)
Order number
Dimensions (A×B×C)
Colour
Series
170-009-00000
14,27×15,0×1,52
black
N(f) + TNC/BNC(m)
170-010-00000
13,49 x 25,4 x 1,52
black
Spezial M&I
170-011-00000
7,95×10,0×0,96
black
SMA+ RPC-3,5+ 2.92+
2.40+ 1.85(m)
170-012-000SW
5,94×10,0×0,96
black
SMA+ RPC-3,5+ 2.92+
2.40+ 1.85(f)
170-013-55001
4,75×7,5×0,96
black
MCX(f) + SMP(m)
170-021-00000
19,05×12,07×1,52
black
7-16(m)
170-027-00000
28,58×13,3×1,65
black
7-16(f)
170-028-00000
28,58×13,3×1,65
blue
7-16(f)
170-031-00000
9,53×10,0×0,96
black
-
170-035-00000
6,35×12,7×0,96
black
1,0-2,3(m)
170-037-00000
10,31×12,7×1,39
black
1,6/5,6(f) + TNC(f)
170-038-00000
17,45×12,7×1,52
black
RPC-7
170-039-00000
22,23×12,7×1,52
black
-
170-041-00000
3,84×12,7×0,83
black
RPC 1,00(f) + 45(f)
170-042-00000
8,71×9,0×0,96
black
F (f) + QMA (m)
170-045-00000
1,82×12,7×0,71
black
-
170-046-00000
53,98×25,0×1,65
black
-
170-048-00000
4,37×12,7×0,96
black
45(m) + QMA(f)
170-051-00000
15,88×12,7×1,52
black
-
170-058-00000
7,95×19,05×0,96
black
LWL
170-059-00000
7,95×15,0×0,96
black
SMA (m)
170-060-00000
9,53×10,0×0,96
black
BNC (f) + UL-94-V-0
170-062-00000
14,27×15,0×1,52
blue
N(f) + TNC/BNC (m)
170-063-00000
19,05×19,05×1,52
black
4.1/9.5(f)
170-064-00000
12,70×25,4×1,39
black
-
170-065-00000
2,84×5,0×0,76
black
MCX + SMP(f)
170-073-00000
5,26×4,76×0,96
black
SMB 75
Ω (m)
170-074-00000
5,26×12,7×0,96
black
-
170-079-00000
14,27×22×1,52
black
BNC (m)
170-080-00000
5,94×7,0×0,96
black
-
170-085-00000
2,03×4,76×0,71
black
Mini-SMP (f)


Similar Part No. - 170-080-00000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
More results

Similar Description - 170-080-00000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
65Z001-000N ROSENBERGER-65Z001-000N Datasheet
148Kb / 2P
   Protection Cap
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
53Z117-000N ROSENBERGER-53Z117-000N Datasheet
39Kb / 2P
   PROTECTION CAP
51Z115-000N ROSENBERGER-51Z115-000N Datasheet
41Kb / 2P
   PROTECTION CAP JACK
53Z115-004N ROSENBERGER-53Z115-004N Datasheet
39Kb / 2P
   PROTECTION CAP JACK
32Z112-000F ROSENBERGER-32Z112-000F Datasheet
221Kb / 2P
   PROTECTION CAP PLUG
51Z110-000N ROSENBERGER-51Z110-000N Datasheet
40Kb / 2P
   PROTECTION CAP PLUG
51Z112-000N ROSENBERGER-51Z112-000N Datasheet
41Kb / 2P
   PROTECTION CAP PLUG
98Z105-S00 ROSENBERGER-98Z105-S00_53 Datasheet
640Kb / 1P
   PROTECTION CAP PLUG
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com