Electronic Components Datasheet Search |
|
MLV-L30D Datasheet(PDF) 4 Page - All Sensors Corporation |
|
MLV-L30D Datasheet(HTML) 4 Page - All Sensors Corporation |
4 / 16 page MLV Series Low Voltage Pressure Sensors How To Order TABLE 1: Available E-Series Package Configurations NOTE 1) Parylene Coating: Parylene coating provides a moisture barrier and protection from some harsh media. Consult factory for ap- plicability of Parylene for the target application and sensor type. (See NOTE 1 below) E Package Example: MLV-L02D-E1ND-N Example: MLV-L02D-A6BBF-N A Package SIPDIP J Lead SMT SIPDIP J Lead SMT Dual Port Same Side E1NS E1ND E1NJ N/A E1BS E1BD N/AN/A Dual Port Opposite Side E2NS E2ND E2NJ N/A E2BS E2BD N/AN/A Single Port (Gage) EGNS EGND EGNJ EGNL EGBS EGBD EGBJ EGBL Lead Style Non-Barbed Lid Barbed Lid Port Lead Style Series MLV- -A6 - Port Fittings Pressure Range Coating Op on De scrip on A No Port Cut B Two Ports Cut 0.085" C Two Ports Cut 0.100" D Two Ports Cut 0.150" E One Port (A) Cut 0.080" F One Port (A) Cut 0.370" Op on De scrip on A No Fi ngs B Ba rb Fi ng Port A Only C Ba rb Fi ng Port B Only D Ba rb Fi ngs Ports A & B Op on De scrip on F Fl at (Straig ht) Q Ri ght Angl e 0.075" R Rig ht Angle 0.100" J Jogged Bend Op on De scrip on N No Coa ng P Paryle ne Coa ng L01D 1 inH2O L02D 2 inH2O L05D 5 inH2O L10D 10 in H2O L20D 20 in H2O L30D 30 in H2O 005D 5 PSI 015D 15 PSI 015A 15 PSIA 030D 30 PSI 100D 100 PSI 150D 150 PSI MLV- -E - Op on De scrip on N No Coa ng P Paryle ne Coa ng Series Pressure Range Coating Port Orientation Lid Style Lead Type Op on De scrip on 1 Dual Port Sam e Si de 2 Dual Port Oppo si te Sid e G Si ngle Port (Gag e) Op on De scrip on NN on-Barbe d BB arbe d Op on De scrip on SS IP DD IP JJ -Lea d SMT LL ow Pro le DIP L01D 1 inH2O L02D 2 inH2O L05D 5 inH2O L10D 10 in H2O L20D 20 in H2O L30D 30 in H2O 005D 5 PSI 015D 15 PSI 015A 15 PSIA 030D 30 PSI SIP DIP J-Lead SMT Low Profile DIP Non-Barbed Barbed |
Similar Part No. - MLV-L30D |
|
Similar Description - MLV-L30D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |