Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3MBT Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # S3MBT
Description  SURFACEMOUNTRECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S3MBT Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  S3MBT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S3MBT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S3MBT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
SURFACEMOUNTRECTIFIERS
S3ABT--S3MBT
Document Number : SBT001AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
S3ABT--S3MBT
SMBT
4000/Tape&Reel
SMBT
Dim
Min
Max
A
3.80
4.20
B
3.30
3.70
D
5.00
5.40
F
0.45
0.75
F1
2.55
2.95
H
1.10
1.30
I
1.85
2.15
I1
2.40
2.80
All Dimensions in mm


Similar Part No. - S3MBT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3MB DIODES-S3MB Datasheet
48Kb / 2P
   3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
Micro Commercial Compon...
S3MB MCC-S3MB Datasheet
253Kb / 4P
   3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Diotech Company.
S3MB DIOTECH-S3MB Datasheet
701Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diodes Incorporated
S3MB DIODES-S3MB Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
S3MB ETC1-S3MB Datasheet
67Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
More results

Similar Description - S3MBT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S5ABT BILIN-S5ABT Datasheet
149Kb / 3P
   SURFACEMOUNTRECTIFIERS
S2AFA BILIN-S2AFA Datasheet
150Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3AB BILIN-S3AB_14 Datasheet
177Kb / 3P
   SURFACEMOUNTRECTIFIERS
S3A BILIN-S3A_12 Datasheet
216Kb / 3P
   SURFACEMOUNTRECTIFIERS
S2A BILIN-S2A_15 Datasheet
178Kb / 3P
   SURFACEMOUNTRECTIFIERS
S5AC BILIN-S5AC_14 Datasheet
176Kb / 3P
   SURFACEMOUNTRECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com