Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLV-030D Datasheet(PDF) 3 Page - All Sensors Corporation

Part # MLV-030D
Description  MLV Series Low Voltage Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

MLV-030D Datasheet(HTML) 3 Page - All Sensors Corporation

  MLV-030D Datasheet HTML 1Page - All Sensors Corporation MLV-030D Datasheet HTML 2Page - All Sensors Corporation MLV-030D Datasheet HTML 3Page - All Sensors Corporation MLV-030D Datasheet HTML 4Page - All Sensors Corporation MLV-030D Datasheet HTML 5Page - All Sensors Corporation MLV-030D Datasheet HTML 6Page - All Sensors Corporation MLV-030D Datasheet HTML 7Page - All Sensors Corporation MLV-030D Datasheet HTML 8Page - All Sensors Corporation MLV-030D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
All Sensors
DS-0274 Rev C
Parameter
Min
Typ
Max
Units
Notes
Output Span
005D @ 5 PSI
24.75
25.0
25.25
mV
4
015D @ 15 PSI
37.13
37.50
37.88
mV
4
015A @ 15 PSIA
37.13
37.50
37.88
mV
4
030D @ 30 PSI
37.13
37.50
37.88
mV
4
100D @ 100 PSI
41.25
41.67
42.08
mV
4
150D @ 150 PSI
37.08
37.50
37.92
mV
4
Span Temperature Shift (0°C to 50°C)
-
-
±1.0
%FSS
1
Offset Voltage @ Zero Diff. Pressure
005D @ 5 PSI
-
-
125
uV
-
015D @ 15 PSI
-
-
125
uV
-
015A @ 15 PSIA
-
-
208
uV
-
030D @ 30 PSI
-
-
125
uV
-
100D @ 100 PSI
-
-
125
uV
-
150D @ 150 PSI
-
-
125
uV
-
Offset Warm-Up Shift
-
±20
uV
2
Offset Long Term Drift (one year)
-
±100
-
uV
-
Linearity, Hysteresis Error
-
0.20
0.50
%FSS
3
Response Time (10% to 90% Pressure Response)
-
500
-
us
-
Front to Back Linearity
-
2.5
-
%FSS
5
Input Resistance
-
12.0
-
k ohm
-
Output Resistance
-
3.0
-
k ohm
-
Performance Characteristics for MLV Series (PSI)
All pArAmeters Are meAsured At 5.0 volt excitAtion And room temperAture unless otherwise specified. pressure meAsurements Are with positive pressure Applied
to
port B (the only port for the single port configurAtion pAckAges). pressure is Applied to port A for ABsolute devices in A-pAckAge.
Specification Notes
note
1: shift is relAtive to 25°c.
note
2: shift is within the first hour of excitAtion Applied to the device.
note
3: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
4: the spAn is the AlgeBrAic difference Between full scAle output voltAge And the offset voltAge.
note
5: front-BAck linerity computed As: Lin FB
SpanFront
SpanBack
1
100
%
note
6: pArAmeter is chArActerized And not 100% tested.


Similar Part No. - MLV-030D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D ASC-MLV-030D Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
More results

Similar Description - MLV-030D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
MLV-L10D-E1NS-N ASC-MLV-L10D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
DS-02743 ASC-DS-02743 Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-L05D-E1NS-N ASC-MLV-L05D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-L30D-E1NS-N ASC-MLV-L30D-E1NS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
MLV-030D-E1BS-N ASC-MLV-030D-E1BS-N Datasheet
1Mb / 16P
   MLV Series Low Voltage Pressure Sensors
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
   Low Voltage Pressure Sensors
BLVR-L05D-B1NS-N ASC-BLVR-L05D-B1NS-N Datasheet
354Kb / 4P
   BLVR Series Low Voltage Pressure Sensors
BLVR-L01D-B1NS-N ASC-BLVR-L01D-B1NS-N Datasheet
354Kb / 4P
   BLVR Series Low Voltage Pressure Sensors
DS-0280 ASC-DS-0280 Datasheet
354Kb / 4P
   BLVR Series Low Voltage Pressure Sensors
BLVR-L01D ASC-BLVR-L01D Datasheet
354Kb / 4P
   BLVR Series Low Voltage Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com