Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2DFA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS2DFA
Description  Surface Mount Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS2DFA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS2DFA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS2DFA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited RS2DFA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Surface Mount Rectifiers
RS2AFA--RS2MFA
Document Number : AFL202AA
www.gmicroelec.com
1
FEATURES
Low profile package
For surface mounted applications
Built-in strain relief, ideal for automated placement
Plastic package has underwriters, laborator flammability classification 94V-0
High temperature soldering: 250
oC/10 seconds at terminals
MECHANICAL DATA
Case :JEDEC SMAFL, molded plastic over ,passivated chip
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS2AFA
RS2BFA
RS2DFA
RS2GFA
RS2JFA
RS2KFA
RS2MFA
UNITS
Marking code
R2A
R2B
R2D
R2G
R2J
R2K
R2M
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
TL=90℃
IF(AV)
2.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
RS2AFA
RS2BFA
RS2DFA
RS2GFA
RS2JFA
RS2KFA
RS2MFA
UNITS
Operating temperature range
TJ
- 55 ------ + 150
storage temperature range
TSTG
- 55 ------ + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
RS2AFA
RS2BFA
RS2DFA
RS2GFA
RS2JFA
RS2KFA
RS2MFA
UNITS
Maximum instantaneous forward voltage at 2.0 A
VF
1.30
V
Maximum reverse current
@TA=25 ℃
at rated DC blocking voltage
@TA=125℃
IR
5.0
200
μ A
Typical reverse recovery time (Note1)
trr
150
250
500
ns
NOTE: 1.Reverse recovery time test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
Pb
Lead-free


Similar Part No. - RS2DFA

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
RS2DF CHENDA-RS2DF Datasheet
667Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Nanjing International G...
RS2DF DGNJDZ-RS2DF Datasheet
188Kb / 2P
   2.0 AMP FAST RECOVERY RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
RS2DF YFWDIODE-RS2DF Datasheet
129Kb / 3P
   Surface MountFast Recovery Rectifiers
logo
Nantong Hornby Electron...
RS2DF HORNBY-RS2DF Datasheet
238Kb / 3P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RS2DF SUNMATE-RS2DF Datasheet
450Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - RS2DFA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com