Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLVR-L60D Datasheet(PDF) 2 Page - All Sensors Corporation

Part # DLVR-L60D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L60D Datasheet(HTML) 2 Page - All Sensors Corporation

  DLVR-L60D Datasheet HTML 1Page - All Sensors Corporation DLVR-L60D Datasheet HTML 2Page - All Sensors Corporation DLVR-L60D Datasheet HTML 3Page - All Sensors Corporation DLVR-L60D Datasheet HTML 4Page - All Sensors Corporation DLVR-L60D Datasheet HTML 5Page - All Sensors Corporation DLVR-L60D Datasheet HTML 6Page - All Sensors Corporation DLVR-L60D Datasheet HTML 7Page - All Sensors Corporation DLVR-L60D Datasheet HTML 8Page - All Sensors Corporation DLVR-L60D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Parameter
Min
Typ
Max
Units
Notes
Output Span
1
LxxD
-
±6,553
-
Dec count
LxxG
-
13,107
-
Dec count
Offset Output @ Zero Diff. Pressure
-
LxxD
-
8,192
-
Dec count
LxxG
-
1,638
-
Dec count
Total Error Band
2
L01x, L02x
-
±1.5
±2.0
%FSS
L05x, L10x, L30x, L60x
-
±1.0
±1.5
%FSS
Span Temperature Shift
3
L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L30x, L60x
-
±0.2
-
%FSS
Offset Temperature Shift
3
L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L30x, L60x
-
±0.2
-
%FSS
Offset Warm-up Shift
4
L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L30x, L60x
-
±0.15
-
%FSS
Offset Position Sensitivity (±1g)
-
L01x, L02x
-
±0.10
-
%FSS
L05x, L10x, L30x, L60x
-
±0.05
-
%FSS
Offset Long Term Drift (One Year)
-
L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L30x, L60x
-
±0.15
-
%FSS
Linearity, Hysteresis Error
6
LxxD
-
±0.25
-
%FSS
LxxG
-
±0.10
-
%FSS
Response Delay
5
Sleep - Wake Pressure
-
0.40
0.50
ms
Sleep - Wake All
-
1.10
1.40
ms
Update Rate
5
Fast
-
0.40
1.0
ms
Noise Reduced
-
1.30
3.1
ms
Low Power
-
6.5
9.5
ms
Digital Resolution
-
Output Resolution
-
14
-
bit
No Missing Codes
12
13
-
bit
Temperature Output
7
Resolution
-
11
-
bit
Overall Accuracy
-
2
-
°C
Current Requirement (3.3V Option)
5
Fast
-
3.5
4.3
mA
Noise Reduced
-
3.6
4.5
mA
Low Power
-
0.72
0.90
mA
Sleep (Idle)
-
0.5
5.0
uA
Current Requirement (5.0 Option)
5
Fast
-
5.0
6.0
mA
Noise Reduced
-
5.2
6.2
mA
Low Power
-
1.1
1.3
mA
Sleep (Idle)
-
0.5
5.0
uA
Performance Characteristics for DLVR Series - Commercial and Industrial Temperature Range
All pArAmeters Are meAsured At 3.3V ±5% or 5.0V ±5% (depending on selected VoltAge option) excitAtion And room temperAture unless otherwise specified.
pressure meAsurements Are with positiVe pressure Applied to port B.
See following page for performance characteristics table notes
Page 2


Similar Part No. - DLVR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L60D ASC-DLVR-L60D Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L60D ASC-DLVR-L60D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLVR-L60D

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com