Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLHR-F50D-E1BD-C-NAV8 Datasheet(PDF) 9 Page - All Sensors Corporation

Part # DLHR-F50D-E1BD-C-NAV8
Description  DLHR Series Low Voltage Digital Pressure Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLHR-F50D-E1BD-C-NAV8 Datasheet(HTML) 9 Page - All Sensors Corporation

Back Button DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 5Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 6Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 7Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 8Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 9Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 10Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 11Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 12Page - All Sensors Corporation DLHR-F50D-E1BD-C-NAV8 Datasheet HTML 13Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
All Sensors
DS-0350 Rev A
Figure 5 - SPI Timing Diagram
Figure 6 - I2C Timing Diagram
Interface Timing Diagrams
Page 9
SCLK
MISO
SS
tSSCLK
(HI•Z)
tCLKD
tHIGH
tLOW
(HI•Z)
tCLKSS
tSSZ
tIDLE
MOSI
tSSSO
(don't
care)
tDSU
tDH
don't care
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCLK frequency (1)
fSCLK
0.05
-
5
MHz
SS low to first clock edge
tSSCLK
120
-
-
ns
SS low to serial out
tSSSO
--
-
20
ns
Clock to data out
tCLKD
8
-
32
ns
SCLK low width
tLOW
100
-
-
ns
SCLK high width
tHIGH
100
-
-
ns
Data setup to clock
tDSU
50
-
-
ns
Data hold after clock
tDH
50
-
-
ns
Last clock to rising SS
tCLKSS
0
-
-
ns
SS high to output hi-Z
tSSZ
--
-
20
ns
Bus idle time
tIDLE
250
-
-
ns
(1) Maximum by design, tested to 1.0 MHz.
SCL
SDA
tHSTA
tHDAT
tSUDAT
tHIGH
tLOW
t
P
T
S
U
S
tIDLE
t
A
T
S
U
S
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SCL frequency
fSCL
100
-
400
KHz
SCL low width
tLOW
1.3
-
-
us
SCL high width
tHIGH
0.6
-
-
us
Start condition setup
tSUSTA
0.6
-
-
us
Start condition hold
tHSTA
0.6
-
-
us
Data setup to clock
tSUDAT
0.1
-
-
us
Data hold to clock
tHDAT
0
-
-
us
Stop condition setup
tSUSTP
0.6
-
-
us
Bus idle time
tIDLE
2.0
-
-
us


Similar Part No. - DLHR-F50D-E1BD-C-NAV8

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-F50D ASC-DLHR-F50D Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
More results

Similar Description - DLHR-F50D-E1BD-C-NAV8

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0350 ASC-DS-0350 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com