Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61606PFCN Datasheet(PDF) 1 Page - MTRONPTI

Part # M61606PFCN
Description  5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61606PFCN Datasheet(HTML) 1 Page - MTRONPTI

  M61606PFCN Datasheet HTML 1Page - MTRONPTI M61606PFCN Datasheet HTML 2Page - MTRONPTI M61606PFCN Datasheet HTML 3Page - MTRONPTI M61606PFCN Datasheet HTML 4Page - MTRONPTI M61606PFCN Datasheet HTML 5Page - MTRONPTI M61606PFCN Datasheet HTML 6Page - MTRONPTI M61606PFCN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
The M616x Series is ideally suited for a wide range of applications such as GPS, military, avionics, test and measurement,
WLAN, WiMax base stations, point to point/multi-point radios, medical equipment, frequency synthesis, frequency translation
and land mobile radio. Standard output for the M616x series is HCMOS compatible or clipped sinewave. The product is
ideally suited for battery and remote applications where it draws as little as 1.5 mA of current with a 3.3 volt supply at 13
MHz. This low power consumption provides an advantage over similarly specified ovenized oscillators for power-sensitive
applications. The M616x series offers ±9.2 ppm minimum pull range with excellent tuning linearity performance for critical
PLL applications. This series is available in frequencies from 8 to 40MHz and selective frequencies up to 52 MHz.
Product Features
Product Description
Product Applications
Product Ordering Information
M616x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVCXO
Tight stability performance
(+/0.2 ppm) over Industrial Temperatures (-40°C to +85°C)
(+/0.10 ppm) over Commercial Temperatures (0°C to 70°C)
Available in 10 pad and 14 DIP configurations (Contact factory for 14 DIP)
3.0 V, 3.3 V and 5.0 V versions
Low phase noise performance
Tri-state Function standard
Low G-sensitivity (0.6 ppb/G) version available
Ordering Information
Product Series
M6160: 5.0 V
M6161: 3.3 V
M6162: 3.0 V
M6163: 5.0 V Low G
M6164: 3.3 V Low G
M6165: 3.0 V Low G
Temperature Range
1: 0ºC to +70ºC
2: -40ºC to +85ºC
6: -20ºC to +70ºC
8: 0ºC to +50ºC
F: -30ºC to +75ºC
Stability
L: ±4.6 ppm
J: ±1.0 ppm
M: ±0.2 ppm
H: ±2.5 ppm
G: ±0.5 ppm
Q: ±0.14 ppm
K: ±2.0 ppm
P: ±0.3 ppm
N: ±0.10 ppm
Output Type
Output Waveform
C: HCMOS
S: Clipped Sine Wave
Package/Lead Configurations
Frequency (customer specified)
M616x
1
J
T
C
T
00.0000
MHz
T: Voltage Controlled With Tristate
F: No Voltage Control With Tristate
N: 10 Pad Leadless Ceramic
D: 14 DIP
M6160Sxxx, M6161Sxxx, M6162Sxxx, M6163Sxxx, M6164Sxxx &
M6165Sxxx - Contact factory for datasheets.
MtronPTI’s M616x Series TCXO’s and TCVCXO’s provide design engineers with low voltage, surface mount products
with extremely tight stability (to 0.10 ppm) over temperature and time. Specially processed crystals enable the M616x to
achieve consistent long-term stability and minimal frequency shift after reflow. This processing also achieves excellent
g-sensitivity (0.6 ppb/g). The low phase noise (-155 dBc/Hz at 100 kHz) makes the M616x ideal for the design engineer
working on all types of systems as the reference timing source. Ten pad SMT and 14-pin DIP compatible versions
available.
Revision: 5-7-11
N (10 Pad)
Package Option


Similar Part No. - M61606PFCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M616Z08 STMICROELECTRONICS-M616Z08 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3 STMICROELECTRONICS-M616Z08-20MH3 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3TR STMICROELECTRONICS-M616Z08-20MH3TR Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
More results

Similar Description - M61606PFCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027_0612 MTRONPTI-M6027_0612 Datasheet
264Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027 MTRONPTI-M6027_07 Datasheet
346Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com