Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLCY6101-ASZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLCY6101-ASZ
Description  Utilizing ultrabright AllnGaP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCY6101-ASZ Datasheet(HTML) 5 Page - Vishay Siliconix

  TLCY6101-ASZ Datasheet HTML 1Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 2Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 3Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 4Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 5Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 6Page - Vishay Siliconix TLCY6101-ASZ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLCY610.
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 16-Mar-15
5
Document Number: 81468
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
REEL
Fig. 10 - Reel Dimensions
AS12 = cathode leaves tape first
AS21 = anode leaves tape first
TAPE
Fig. 11 - LED in Tape
0.6
+ 0.2
- 0.1
A
C
R2.49 (sphere)
Area not plane
Ø 5 ± 0.15
2.54 nom.
0.5
+ 0.15
- 0.05
specifications
according to DIN
technical drawings
Drawing-No.: 6.544-5259.04-4
Issue: 8; 19.05.09
96 12125
0.5
+ 0.15
- 0.05
Identification label:
355
90
30
48
45
52 max.
948641
Vishay/type/group/tape code/production code/quantity
Paper
Adhesive tape
Identification label
Reel
Tape
Diodes: anode before cathode
Phototransistors: emitter before collector
Code 21
Diodes:
cathode before anode
Phototransistors:
collector before emitter
Code 12
94 8671


Similar Part No. - TLCY6101-ASZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCY6101-ASZ VISHAY-TLCY6101-ASZ Datasheet
185Kb / 7P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY6101-ASZ(1) VISHAY-TLCY6101-ASZ(1) Datasheet
186Kb / 7P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
More results

Similar Description - TLCY6101-ASZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR990 VISHAY-TLWR990 Datasheet
238Kb / 5P
   Utilizing one of the world’s brightest (AS) AllnGaP technologies, non diffused LED
Rev. 1.6, 31-Aug-04
logo
Vaishali Semiconductor
TLWR992 VAISH-TLWR992 Datasheet
224Kb / 6P
   TELUX / Utilizing one of the world?셲 brightest (AS) AllnGaP technologies (OMA) / High luminous flux
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
logo
Vishay Siliconix
VLWW960 VISHAY-VLWW960 Datasheet
251Kb / 9P
   Utilizing InGaN technology
Rev. 1.1, 05-Mar-08
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.4, 10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com