Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61601KFCN Datasheet(PDF) 2 Page - MTRONPTI

Part # M61601KFCN
Description  5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61601KFCN Datasheet(HTML) 2 Page - MTRONPTI

  M61601KFCN Datasheet HTML 1Page - MTRONPTI M61601KFCN Datasheet HTML 2Page - MTRONPTI M61601KFCN Datasheet HTML 3Page - MTRONPTI M61601KFCN Datasheet HTML 4Page - MTRONPTI M61601KFCN Datasheet HTML 5Page - MTRONPTI M61601KFCN Datasheet HTML 6Page - MTRONPTI M61601KFCN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
M616x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVCXO
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions/Notes
Frequency Range
FO
8
52
MHz
Contact factory above 40 MHz
Operating Temperature
TA
-40
+85
°C
See Ordering Information
Storage Temperature
TSTG
-55
+125
°C
Frequency Tolerance @ +25°C
-1.0
+1.0
ppm
For TCXO only
Frequency Stability
See Ordering Information
(Fmax – Fmin)/2
Stability Vs. Reflow
-1.0
+1.0
ppm
Frequency Vs. Supply
±0.02
±0.1
ppm
For 5% supply voltage variation
Frequency Vs. Load
±0.02
±0.1
ppm
For 5% load variation
Aging (First Year)
-1.0
+1.0
ppm
F0 < 20 MHz
Aging (First Year)
-2.0
+2.0
ppm
F0 > 20 MHz
Aging (10 Year)
-3.0
+3.0
ppm
F0 < 20 MHz (Includes first year)
Aging (10 Year)
-5.0
+5.0
ppm
F0 > 20 MHz (Includes first year)
Supply Voltage Tolerance
-5.0
+5.0
%
See Ordering Information
Supply Current (ID)
2.0
3.0
mA
HCMOS output at 13 MHz
3.0
4.0
mA
HCMOS output at 26 MHz
5.5
6.5
mA
HCMOS output at 52 MHz
1.3
1.9
mA
Clipped sinewave output at 13 MHz
1.7
2.3
mA
Clipped sinewave output at 26 MHz
2.8
3.5
mA
Clipped sinewave output at 52 MHz
Output Logic Levels
VOL
20
%VS
IOH/IOL = ± 4 mA, Vs = +3.0 V
(HCMOS)
VOH
80
%VS
IOH/IOL = ± 4 mA, Vs = +3.0 V
Output Level
1.0
Vpk-pk
Fo < 40 MHz
(Clipped Sinewave)
0.8
Vpk-pk
Fo > 40 MHz
Waveform Symmetry
40
60
%
Ref. to ½ VS. HCMOS only
Rise/Fall Time
6.5
ns
Ref. 10% to 90%. HCMOS only
Output Load
15
pF
HCMOS output
10/10
Kohm/pF
Clipped sinewave output
Frequency Adjustment
-5.0
+5.0
ppm
Over Control Voltage Range
G-Sensitivity
0.6
ppb/g
Control Voltage Range
0.3
2.7
Volts
For VS = 3.0
0.3
3.0
Volts
For VS = 3.3
0.5
4.5
Volts
For VS = 5.0
Input Leakage Current
-50
+50
µA
Input Resistance
100
Kohm
Linearity
5
%
Modulation Bandwidth
2 kHz
Tristate Function
70
%VS
Output enabled. Logic “1” or “Open”
30
%VS
Output disabled. Logic “0” or “GND”
Tristate Leakage Current
-100
+100
µA
Phase Noise
-98
dBc/Hz
10 Hz Offset
(Typical 20 MHz CMOS)
-125
dBc/Hz
100 Hz Offset
-145
dBc/Hz
1 KHz Offset
-154
dBc/Hz
10 KHz Offset
-156
dBc/Hz
100 kHz Offset
Shock
MIL-STD-202, Method 213, Condition C
100 g
Vibration
MIL-STD-202, Methods 201 & 204
10 g from 10 to 2000 Hz
Solderability
EIAJ-STD-002
Package
5.0 x 7.0 mm, SMT and DIP
RoHS Compliant
Max Soldering Conditions
See solder profile


Similar Part No. - M61601KFCN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M616Z08 STMICROELECTRONICS-M616Z08 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3 STMICROELECTRONICS-M616Z08-20MH3 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
M616Z08-20MH3TR STMICROELECTRONICS-M616Z08-20MH3TR Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
More results

Similar Description - M61601KFCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610X MTRONPTI-M610X Datasheet
885Kb / 7P
   M610x Series Stratum 3 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M611X MTRONPTI-M611X Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M60491GACD MTRONPTI-M60491GACD Datasheet
728Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M6027 MTRONPTI-M6027 Datasheet
237Kb / 1P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027_0612 MTRONPTI-M6027_0612 Datasheet
264Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6027 MTRONPTI-M6027_07 Datasheet
346Kb / 2P
   3.2 x 5 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M61801MTCN MTRONPTI-M61801MTCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
M61701STCN MTRONPTI-M61701STCN Datasheet
1Mb / 7P
   3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com