Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLCPG510 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLCPG510
Description  Untinted non-diffused lens
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCPG510 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLCPG510 Datasheet HTML 1Page - Vishay Siliconix TLCPG510 Datasheet HTML 2Page - Vishay Siliconix TLCPG510 Datasheet HTML 3Page - Vishay Siliconix TLCPG510 Datasheet HTML 4Page - Vishay Siliconix TLCPG510 Datasheet HTML 5Page - Vishay Siliconix TLCPG510 Datasheet HTML 6Page - Vishay Siliconix TLCPG510 Datasheet HTML 7Page - Vishay Siliconix TLCPG510 Datasheet HTML 8Page - Vishay Siliconix TLCPG510 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLCS510., TLCR510., TLCO510., TLCY510., TLCYG510., TLCPG510.
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 03-Feb-16
1
Document Number: 81346
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
DESCRIPTION
The TLC.51.. series is a clear, non-diffused 5 mm LED for
high end applications where supreme luminous intensity
required.
These lamps with clear untinted plastic case utilize the
highly developed ultrabright AlInGaP (AS).
The lens and the viewing angle is optimized to achieve best
performance of light output and visibility.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: power
• Angle of half intensity: ± 9°
FEATURES
• Untinted non-diffused lens
• Utilizing ultrabright AllnGaP (AS)
• High luminous intensity
• High operating temperature: Tj (chip junction
temperature) up to 125 °C for AllnGaP devices
• Luminous intensity and color categorized for
each packing unit
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Interior and exterior lighting
• Outdoor LED panels
• Instrumentation and front panel indicators
• Central high mounted stop lights (CHMSL) for motor
vehicles
• Replaces incandescent lamps
• Traffic signals
• Light guide design
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19223
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
TLCS5100
Super red
2400
7500
-
50
626
630
638
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCR5100
Red
4300
11 000
-
50
611
616
622
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCO5100
Soft orange
4300
12 000
-
50
600
605
611
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCY5100
Yellow
3200
7500
-
50
585
590
597
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCY5100-ASZ
Yellow
3200
7500
-
50
585
590
597
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCYG5100
Yellow green
1350
3500
-
50
565
572
576
50
-
2.2
2.7
50
AllnGaP on GaAs
TLCPG5100
Pure green
430
1250
-
50
555
562
567
50
-
2.1
2.7
50
AllnGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLCS510., TLCR510., TLCO510., TLCY510., TLCYG510., TLCPG510.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 85 °C
IF
50
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
135
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
300
K/W


Similar Part No. - TLCPG510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCPG5100 VISHAY-TLCPG5100 Datasheet
201Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCPG5100 VISHAY-TLCPG5100 Datasheet
202Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCPG5100 VISHAY-TLCPG5100_V01 Datasheet
202Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLCPG510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCR6200 VISHAY-TLCR6200 Datasheet
128Kb / 6P
   Untinted non-diffused lens
Rev. 1.2, 03-Mar-15
TLCR5800 VISHAY-TLCR5800_03 Datasheet
174Kb / 7P
   Ultrabright LED, ∅ 5 mm Untinted Non-Diffused
Rev. 2, 03-Apr-03
TLCY5100 VISHAY-TLCY5100 Datasheet
144Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.4, 16-Feb-05
TLCR5800 VISHAY-TLCR5800 Datasheet
174Kb / 7P
   Ultrabright LED, 5 mm Untinted Non-Diffused
Rev. 1.5, 30-Aug-04
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
logo
List of Unclassifed Man...
ZD-1790 ETC-ZD-1790 Datasheet
756Kb / 5P
   Ultrabright LED, 첩 5 mm Untinted Non-Diffused
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com