Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF1210FR-079M76 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # AF1210FR-079M76
Description  ANTI-SULFURATED CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF1210FR-079M76 Datasheet(HTML) 2 Page - YAGEO Corporation

  AF1210FR-079M76 Datasheet HTML 1Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 2Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 3Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 4Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 5Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 6Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 7Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 8Page - YAGEO Corporation AF1210FR-079M76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jun. 21, 2016 V.5
Product specification
2
9
SERIES
AF
0201 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER
Part number is identified by the series name, size, tolerance, packaging
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
AF0201 to AF2512 chip resistors
with anti-sulfuration capabilities.
APPLICATIONS
Industrial Equipment
Power Application
Networking Application
High-end Computer &
Multimedia Electronics in high
sulfur environment
Automotive electronics
FEATURES
AEC-Q200 qualified
Superior resistance against
sulfur containing atmosphere
Halogen free product and
production
RoHS compliant
Reduces environmentally
hazardous waste
High component and
equipment reliability
Saving of PCB space
Moisture sensitivity level:
MSL 1
GLOBAL PART NUMBER
AF XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0201/0402/0603/0805/1206/1210/1218/2010/2512
(2) TOLERANCE
D = ± 0.5%
F = ± 1%
J = ± 5% (for jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed plastic tape reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point.
Detailed resistance rules are displayed in the table of “Resistance rule of global part
number”.
(7) DEFAULT CODE
Letter L is system default code for ordering only (Note)
ORDERING EXAMPLE
The ordering code for an AF0402
chip resistor, value 100 KΩ with
±1% tolerance, supplied in 7-inch
tape reel with 10Kpcs quantity is:
AF0402FR-07100KL.
NOTE
1. All our R-Chip products are RoHS
compliant and Halogen free. "LFP" of the
internal 2D reel label states "Lead-Free
Process"
2. On customized label, "LFP" or specific
symbol can be printed
Resistance rule of global part
number
Resistance coding rule
Example
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - AF1210FR-079M76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF1206F1.50TM ETC2-AF1206F1.50TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F1.60TM ETC2-AF1206F1.60TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F10.0TM ETC2-AF1206F10.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F12.0TM ETC2-AF1206F12.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
AF1206F15.0TM ETC2-AF1206F15.0TM Datasheet
357Kb / 8P
   1206 Fast Acting Surface Mount Fuses
More results

Similar Description - AF1210FR-079M76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com