Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

575-4K-ND Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 575-4K-ND
Description  Selectable frequency from 200 kHz to 1 MHz with an external resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

575-4K-ND Datasheet(HTML) 1 Page - Vishay Siliconix

  575-4K-ND Datasheet HTML 1Page - Vishay Siliconix 575-4K-ND Datasheet HTML 2Page - Vishay Siliconix 575-4K-ND Datasheet HTML 3Page - Vishay Siliconix 575-4K-ND Datasheet HTML 4Page - Vishay Siliconix 575-4K-ND Datasheet HTML 5Page - Vishay Siliconix 575-4K-ND Datasheet HTML 6Page - Vishay Siliconix 575-4K-ND Datasheet HTML 7Page - Vishay Siliconix 575-4K-ND Datasheet HTML 8Page - Vishay Siliconix 575-4K-ND Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SiC401, SiC402, SiC403
www.vishay.com
Vishay Siliconix
Revision: 17-Nov-14
1
Document Number: 62923
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reference Board User’s Manual for SiC403 (6 A), SiC402 (10 A),
and SiC401 (15 A) Synchronous Buck Regulators
Note
• External divider network needed
DESCRIPTION
The SiC401, SiC402, and SiC403 are high frequency
voltage-mode constant-on-time (CM-COT) synchronous
buck regulators with integrated high-side and low-side
power MOSFETs. The SiC403 is capable of 6 A continuous
current, the SiC402 is capable of 10 A and the SiC401 15 A.
These regulators produce an adjustable output voltage
which in standard setup can output 5 V down to 0.6 V
and with the VOUT divider network 75 % of VIN down to
0.6 V to accommodate a variety of applications, including
computing, consumer electronics, telecom, and industrial.
The CM-COT architecture delivers ultra-fast transient
response with minimum output capacitance and tight ripple
regulation at very light load. The parts are stable with any
capacitor type and no ESR network is required for loop
stability. The regulator integrates a full protection feature
set, it also has UVLO for the input rail and an internal
soft-start.
The SiC40X family is available in lead (Pb)-free power
enhanced 5 mm x 5 mm MLP55-32L package.
FEATURES
• SiC401A/B: 3 V to 17 V input range.
SiC402A/B, SiC403A/B: 3 V to 28 V input range.
• Adjustable output voltage down to 0.6 V
• 6 A (SiC403), 10 A (SiC402), and 15 A (SiC401) continuous
output current
• Selectable frequency from 200 kHz to 1 MHz with an
external resistor
• 95 % peak efficiency
• Stable with any capacitor; no external ESR network
required
• Ultrafast transient response
• Power saving scheme for increased light load efficiency
• ± 1 % accuracy of VOUT setting
• Cycle-by-cycle current limit
• Fully protected with OTP, SCP, UVP, OVP
•PGOOD Indicator
• -40 °C to +125 °C operating junction temperature
• Output voltage tracking
APPLICATIONS
• Point of load regulation for low-power processors,
network processors, DSPs, FPGAs, and ASICs
• Low voltage, distributed power architectures with 5 V or
12 V, or 24 V rails
• Computing, broadband, networking, LAN / WAN, optical,
test, and measurement
• A / V, high density cards, storage, DSL, STB, DVR, DTV,
industrial PC
Notes
• LC - low current inductor, HC - high current inductor
• The only difference between HC and LC board is the O / P
inductor size
PRODUCT SUMMARY SiC401A, SIC401BCD
Input Voltage Range
3 V to 17 V
Output Voltage Range
0.6 V to VIN x 0.75
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
15 A
Package
MLP55-32L
PRODUCT SUMMARY SiC402A, SIC402BCD
Input Voltage Range
3 V to 28 V
Output Voltage Range
0.6 V to VIN x 0.75
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
10 A
Package
MLP55-32L
PRODUCT SUMMARY SiC403A, SIC403BCD
Input Voltage Range
3 V to 28 V
Output Voltage Range
0.6 V to VIN x 0.75
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
6 A
Package
MLP55-32L
ORDERING INFORMATION
BOARD PART NUMBER
MAX. OUTPUT CURRENT
SiC403DB-LC
6 A
SiC402DB-HC
10 A
SiC401DB-HC
15 A


Similar Part No. - 575-4K-ND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
575-4 INTERSIL-575-4 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Vishay Siliconix
575-4 VISHAY-575-4 Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
575-4 VISHAY-575-4 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
logo
Texas Instruments
575-4 TI1-575-4 Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
More results

Similar Description - 575-4K-ND

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Micronetics, Inc.
SMDM70TTL MICRONETICS-SMDM70TTL Datasheet
298Kb / 2P
   Legacy 200 kHz to 2 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
STMicroelectronics
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
   200 KHz Center Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com