Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10INCH-G-4V Datasheet(PDF) 2 Page - All Sensors Corporation

Part # 10INCH-G-4V
Description  Amplified Low Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

10INCH-G-4V Datasheet(HTML) 2 Page - All Sensors Corporation

  10INCH-G-4V Datasheet HTML 1Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 2Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 3Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 4Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 5Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 6Page - All Sensors Corporation 10INCH-G-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS-0024 Rev C
Amplified Low Pressure Sensors
Part Number
1 MBAR-D-4V
1 INCH-D-4V
1 INCH-G-4V
2.5 INCH-D-4V
2.5 INCH-G-4V
5 INCH-D-4V
5 INCH-G-4V
10 INCH-D-4V
10 INCH-G-4V
20 INCH-D-4V
20 INCH-G-4V
30 INCH-D-4V
30 INCH-G-4V
40 INCH-G-4V
60 INCH-G-4V
Operating Pressure
±1 mbar
±1 InH2O
0 - 1 InH2O
±2.5 InH2O
0 - 2.5 InH2O
± 5 InH2O
0 - 5 InH2O
±10 InH2O
0 - 10 InH2O
±20 InH2O
0 - 20 InH2O
±30 InH2O
0 - 30 InH2O
0 - 40 InH2O
0 - 60 InH2O
Nominal Span
4 V
4 V
4 V
4 V
4V
4 V
4 V
4 V
4 V
4 V
4 V
4 V
4V
4V
4V
Proof Pressure
100 InH2O
100 InH2O
100 InH2O
200 InH2O
200 InH2O
200 InH2O
200 InH2O
200 InH2O
200 InH2O
300 InH2O
300 InH2O
500 InH2O
500 InH2O
500 InH2O
500 InH2O
Burst Pressure
200 InH2O
200 InH2O
200 InH2O
300 InH2O
300 InH2O
300 InH2O
300 InH2O
300 InH2O
300 InH2O
500 InH2O
500 InH2O
800 InH2O
800 InH2O
800 InH2O
800 InH2O
Standard Pressure Ranges
Supply Supply Voltage VS
Common-mode pressure
Lead Temperature, max
(soldering 2-4 sec.)
+4.5 to +5.5 Vdc
-10 to +10 psig
250°C
Pressure Sensor Ratings
Temperature Ranges
Compensated
Operating
Storage
Humidity Limits
5 to 50° C
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (5°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Temperature Shift (5°C-50°C), note 2
Minimum
±1.80
2.00
Nominal
±1.0
±2.0
2.25
±20
±40
±20
0.05
Maximum
±2.20
2.50
±120
0.25
±4
Units
mbar
V
V
mV
mV
mV
mV
%FSS
%FSS
Performance Characteristics for: 1 MBAR-D-4V


Similar Part No. - 10INCH-G-4V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10INCH-G-4V ETC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 10INCH-G-4V

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com