Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C43682AV-15AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C43682AV-15AC
Description  3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C43682AV-15AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C43682AV-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 12Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 13Page - Cypress Semiconductor CY7C43682AV-15AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CY7C43642AV
CY7C43662AV
CY7C43682AV
Document #: 38-06020 Rev. *C
Page 10 of 30
Maximum Ratings[10,12]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ...................................–65
°C to +150°C
Ambient Temperature with
Power Applied...............................................–55°C to +125
°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[11] ...................................–0.5V to VCC + 0.5V
DC Input Voltage[11]................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... > 200mA
Operating Range
Range
Ambient Temperature
VCC
[13]
Commercial
0°C to +70
°C
3.3V ± 10%
Industrial
–40
°C to +85°C
3.3V ± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY7C43642/62/82AV
Unit
Min.
Max.
VOH
Output HIGH Voltage
VCC = 3.0V, IOH = –2.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = 3.0V, IOL = 8.0 mA
0.5
V
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
–0.5
0.8
V
IIX
Input Leakage Current
VCC = Max.
–10
+10
µA
IOZL
IOZH
Output OFF, High Z Current
VSS < VO< VCC
–10
+10
µA
ICC1
[14]
Active Power Supply Current
Commercial
60
mA
Industrial
60
mA
ISB
[15]
Average Standby Current
Commercial
10
mA
Industrial
10
mA
Capacitance[16]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
4
pF
COUT
Output Capacitance
8
pF
Notes:
10. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
11.
The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
12. The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
13. Operating VCC Range for –7 speed is 3.3V ± 5%.
14. Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at 20 MHz, while data inputs switch at 10 MHz.
Outputs are unloaded.
15. All inputs = VCC – 0.2V, except CLKA and CLKB (which are at frequency = 0 MHz). All outputs are unloaded.
16. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C43682AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43682 CYPRESS-CY7C43682 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-10AC CYPRESS-CY7C43682-10AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-15AC CYPRESS-CY7C43682-15AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-15AI CYPRESS-CY7C43682-15AI Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43682-7AC CYPRESS-CY7C43682-7AC Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
More results

Similar Description - CY7C43682AV-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C43642 CYPRESS-CY7C43642 Datasheet
474Kb / 30P
   1K/4K/16K x36 x2 Bidirectional Synchronous FIFO
CY7C43644AV CYPRESS-CY7C43644AV Datasheet
653Kb / 37P
   3.3V 1K/4K/16K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43644 CYPRESS-CY7C43644 Datasheet
651Kb / 39P
   1K/4K x36 x2 Bidirectional Synchronous FIFO with Bus Matching
CY7C43646 CYPRESS-CY7C43646 Datasheet
640Kb / 39P
   1K/4K/16K x36/x18/x2 Tri Bus FIFO
CY7C43663AV CYPRESS-CY7C43663AV Datasheet
481Kb / 28P
   3.3V 1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43643 CYPRESS-CY7C43643 Datasheet
487Kb / 29P
   1K/4K/16K x36 Unidirectional Synchronous FIFO with Bus Matching
CY7C43646AV CYPRESS-CY7C43646AV Datasheet
644Kb / 40P
   3.3V 1K 4K 16K x 36 x 18 x 2 Tri Bus FIFO
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com