Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20INCH-Dx-P4V-MINI Datasheet(PDF) 6 Page - All Sensors Corporation

Part # 20INCH-Dx-P4V-MINI
Description  MiniatureAmplifiedLowPressureSensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

20INCH-Dx-P4V-MINI Datasheet(HTML) 6 Page - All Sensors Corporation

  20INCH-Dx-P4V-MINI Datasheet HTML 1Page - All Sensors Corporation 20INCH-Dx-P4V-MINI Datasheet HTML 2Page - All Sensors Corporation 20INCH-Dx-P4V-MINI Datasheet HTML 3Page - All Sensors Corporation 20INCH-Dx-P4V-MINI Datasheet HTML 4Page - All Sensors Corporation 20INCH-Dx-P4V-MINI Datasheet HTML 5Page - All Sensors Corporation 20INCH-Dx-P4V-MINI Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MiniatureAmplifiedLowPressureSensors
Specification Notes
NOTE
1: ALL PARAMETERS ARE MEASURED AT 5.0 VOLT EXCITATION, FOR THE NOMINAL FULL SCALE PRESSURE AND ROOM TEMPERATURE UNLESS
OTHERWISE SPECIFIED
. PRESSURE MEASUREMENTS ARE WITH POSITIVE PRESSURE APPLIED TO THE FRONT PORT.
NOTE
2: SHIFT IS RELATIVE TO 25°C.
NOTE
3: SHIFT IS WITHIN THE FIRST HOUR OF EXCITATION APPLIED TO THE DEVICE.
NOTE
4: MEASURED AT ONE-HALF FULL SCALE RATED PRESSURE USING BEST STRAIGHT LINE CURVE FIT.
NOTE
5: THE VOLTAGE ADDED TO THE OFFSET VOLTAGE AT FULL SCALE PRESSURE. NOMINALLY THE OUTPUT VOLTAGE RANGE IS 0.25 TO 4.25 VOLTS
FOR MINUS TO PLUS FULL SCALE PRESSURE
.
Parameter, NOTE 1
Operating Range, gage pressure
Output Span, NOTE 5
Offset Voltage @ zero pressure
Offset Temperature Shift (-25°C-85°C), NOTE 2
Offset Warm-up Shift, NOTE 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, NOTE 4
Span Shift (-25°C-85°C), NOTE 2
Minimum
3.9
0.15
Nominal
30.0
4.0
0.25
±5
±5
±5
0.05
Maximum
4.1
0.35
±20
0.25
±1
Units
“H2O
volt
volt
mvolt
mvolt
mvolt
mvolt
%fs
%span
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or
use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is
typically less than 100 useconds.
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (-25°C-85°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (±1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (-25°C-85°C), note 2
Minimum
±1.90
2.15
Nominal
±60.0
±2.0
2.25
±5
±5
±5
0.05
Maximum
±2.10
2.35
±20
0.25
±1
Units
“H2O
volt
volt
mvolt
mvolt
mvolt
mvolt
%fs
%span
Performance Characteristics for 30 INCH-G-P4V-MINI
Performance Characteristics for 60 INCH-Dx-P4V-MINI


Similar Part No. - 20INCH-Dx-P4V-MINI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20INCH-D-4V ETC-20INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
All Sensors Corporation
20INCH-D-4V ASC-20INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
20INCH-D-4V ASC-20INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
20INCH-D-4V ASC-20INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
20INCH-D-4V ASC-20INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 20INCH-Dx-P4V-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0102 ASC-DS-0102 Datasheet
122Kb / 6P
   MiniatureAmplifiedLowPressureSensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com