Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10INCH-Dx-P4V-MINI Datasheet(PDF) 1 Page - All Sensors Corporation

Part # 10INCH-Dx-P4V-MINI
Description  MiniatureAmplifiedLowPressureSensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

10INCH-Dx-P4V-MINI Datasheet(HTML) 1 Page - All Sensors Corporation

  10INCH-Dx-P4V-MINI Datasheet HTML 1Page - All Sensors Corporation 10INCH-Dx-P4V-MINI Datasheet HTML 2Page - All Sensors Corporation 10INCH-Dx-P4V-MINI Datasheet HTML 3Page - All Sensors Corporation 10INCH-Dx-P4V-MINI Datasheet HTML 4Page - All Sensors Corporation 10INCH-Dx-P4V-MINI Datasheet HTML 5Page - All Sensors Corporation 10INCH-Dx-P4V-MINI Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All Sensors
DS-0102 Rev A
The Miniature Amplified Output pressure sensors is based upon a proprietary technology to reduce all output
offset or common mode errors. This model provides a calibrated amplified output with superior output offset
characteristics. Output offset errors due to change in temperature, stability to warm-up, stability to long time
period, and position sensitivity are all significantly reduced when compared to conventional compensation
methods. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to
provide a very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide
temperature range. This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry
gases and the like.
The output of the device is ratiometric to the supply voltage and operation from any D.C. supply voltage between
4.5 and 5.5 volts.
Low Pressure (1” H
2O to 30 “ H2O) Sensors
PRIME GRADE
• 0 to 1” H
2O to 0 to 30” H2O Pressure Ranges
• Matched pressure port volumes
• Temperature Compensated ( -25 to 85° C)
• Calibrated Zero and Span
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
MiniatureAmplifiedLowPressureSensors
Physical Dimensions
0.10
Typical
(2.54)
Pin 1 2 3 4
0.62
(15.7)
0.50
(12.7)
0.30
(7.6)
0.080 O.D.
(2.00)
0.380
B-port
A-port
Equivalent Circuit
D1 version
D2 version
or G verison


Similar Part No. - 10INCH-Dx-P4V-MINI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10INCH-D-4V ETC-10INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
All Sensors Corporation
10INCH-D-4V ASC-10INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-D-4V ASC-10INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-D-4V ASC-10INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
10INCH-D-4V ASC-10INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 10INCH-Dx-P4V-MINI

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0102 ASC-DS-0102 Datasheet
122Kb / 6P
   MiniatureAmplifiedLowPressureSensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com