Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PSI-D-HGRADE-MV Datasheet(PDF) 3 Page - All Sensors Corporation

Part # 5PSI-D-HGRADE-MV
Description  Millivolt Output Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

5PSI-D-HGRADE-MV Datasheet(HTML) 3 Page - All Sensors Corporation

  5PSI-D-HGRADE-MV Datasheet HTML 1Page - All Sensors Corporation 5PSI-D-HGRADE-MV Datasheet HTML 2Page - All Sensors Corporation 5PSI-D-HGRADE-MV Datasheet HTML 3Page - All Sensors Corporation 5PSI-D-HGRADE-MV Datasheet HTML 4Page - All Sensors Corporation 5PSI-D-HGRADE-MV Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All Sensors
DS-0095 Rev C
Minimum
--
17.82
--
--
--
--
Nominal
1.0
18.0
--
--
0.25
--
Maximum
--
18.18
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
59.4
--
--
--
--
Nominal
5.0
60.0
--
--
0.25
--
Maximum
--
60.6
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
89.1
--
--
--
--
Nominal
15.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Minimum
--
89.1
--
--
--
--
Nominal
30.0
90.0
--
--
0.25
--
Maximum
--
90.9
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Performance Characteristics for 1 PSI-D-HGRADE-MV
Performance Characteristics for 5 PSI-D-HGRADE-MV
Performance Characteristics for 15 PSI-D-HGRADE-MV
Performance Characteristics for 30 PSI-D-HGRADE-MV


Similar Part No. - 5PSI-D-HGRADE-MV

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
5PSI-D-HGRADE-MV ASC-5PSI-D-HGRADE-MV Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
More results

Similar Description - 5PSI-D-HGRADE-MV

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-0094 ASC-DS-0094 Datasheet
46Kb / 4P
   Millivolt Output Pressure Sensors
DS-0048 ASC-DS-0048 Datasheet
43Kb / 2P
   Millivolt Output Pressure Sensors
DS-0096 ASC-DS-0096 Datasheet
238Kb / 5P
   Millivolt Output Pressure Sensors
DS-0095 ASC-DS-0095 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
DS-0090 ASC-DS-0090 Datasheet
98Kb / 4P
   Millivolt Output Prime Pressure Sensors
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
   Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com