Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5INCH-D-4V Datasheet(PDF) 1 Page - All Sensors Corporation

Part # 5INCH-D-4V
Description  Amplified Low Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

5INCH-D-4V Datasheet(HTML) 1 Page - All Sensors Corporation

  5INCH-D-4V Datasheet HTML 1Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 2Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 3Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 4Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 5Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 6Page - All Sensors Corporation 5INCH-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All Sensors
DS-0024 Rev C
Pinout:
Pin 1: Vs
Pin 2: Gnd
Pin 3: Vout
Pin 4: Do Not Connect
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change
The Amplified line of low pressure sensors are based upon a proprietary technology to reduce all output offset or common mode er-
rors. This model provides a ratiometric 4-volt output with superior output offset characteristics. Output offset errors due to change in
temperature, stability to warm-up, stability to long time period, and position sensitivity are all significantly reduced when compared to
conventional compensation methods. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure
to provide a very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. This series
is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like.
The output of the device is ratiometric to the supply voltage over a supply voltage range of 4.5 to 5.5 volts.
1 mbar (0.4 In H2O) to 60 In H2O Pressure Sensors
• 0 to 1 mbar to 0 to 60 In H2O Pressure Ranges
• Ratiometric 4V Output
• Temperature Compensated
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Amplified Low Pressure Sensors
-
+
Vs
Vout
Gnd
Equivalent Circuit
Pin 1 Identifier
CL
Port A
Port B
0.020" x 0.010" Pin
0.30" minimum length
21.59
0.850
20.32
0.800
2.54
0.125
R
3.18
0.140
3.56
(Typ)
0.100
0.050
1.27
Port 0.179"/0.189"
0.550
13.97
0.480
12.19
0.344
8.74


Similar Part No. - 5INCH-D-4V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5INCH-D-4V ETC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
All Sensors Corporation
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results

Similar Description - 5INCH-D-4V

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
   Miniature amplified low pressure sensors
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com