Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PSI-D-HGRADE-MV Datasheet(PDF) 1 Page - All Sensors Corporation

Part # 1PSI-D-HGRADE-MV
Description  Millivolt Output Pressure Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1PSI-D-HGRADE-MV Datasheet(HTML) 1 Page - All Sensors Corporation

  1PSI-D-HGRADE-MV Datasheet HTML 1Page - All Sensors Corporation 1PSI-D-HGRADE-MV Datasheet HTML 2Page - All Sensors Corporation 1PSI-D-HGRADE-MV Datasheet HTML 3Page - All Sensors Corporation 1PSI-D-HGRADE-MV Datasheet HTML 4Page - All Sensors Corporation 1PSI-D-HGRADE-MV Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
All Sensors
DS-0095 Rev C
pin 1: N/C
pin 2: +V supply
pin 3: +Voutput
pin 4: -Vsupply
pin 5: -Voutput
pin 6: N/C
0.80
(20.3)
0.85
(21.6)
1.10
(27.9)
0.10 Typical
(2.54)
A
B
1
Pin 1
5 6
2 3 4
0.66
(16.0)
0.21
(5.3)
0.42
(10.5)
0.48
(12.2)
0.55
(14.0)
0.174 to 0.190
(4.4 to 4.8)
1.08
(27.4)
0.25
(6.4)
Pin Size
0.010 x 0.020
(0.25 x 0.50)
NOTES:
1) Dimensions in inches (millimeters)
Pinout (note 1)
The Millivolt Output pressure sensors is based upon a proprietary packaging technology to reduce output offset or common mode
errors. This model provides a calibrated millivolt output with excellent output offset characteristics. In addition the sensor utilizes a
silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. This
series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. The H-GRADE is a high
accuracy version of the millivolt output pressure sensors.
The output of the device is ratiometric to the supply voltage and operation from any D.C. supply voltage up to +16 V is acceptable.
H-Grade
Pressure Sensors
• 0 to 4” H2O to 0 to 100 PSI Pressure Ranges
• 0.5 % linearity...high accuracy version
• Temperature Compensated
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Millivolt Output Pressure Sensors
Equivalent Circuit
Input Resittance
Output Resistance
20 k ohm
3.0 k ohm
+Vout
-Vout
+Vsupply
-Vsupply
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change


Similar Part No. - 1PSI-D-HGRADE-MV

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1PSI-D-HGRADE-MV ASC-1PSI-D-HGRADE-MV Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
More results

Similar Description - 1PSI-D-HGRADE-MV

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
10INCH-D-MV ASC-10INCH-D-MV Datasheet
122Kb / 4P
   Millivolt Output Pressure Sensors
DS-0094 ASC-DS-0094 Datasheet
46Kb / 4P
   Millivolt Output Pressure Sensors
DS-0048 ASC-DS-0048 Datasheet
43Kb / 2P
   Millivolt Output Pressure Sensors
DS-0096 ASC-DS-0096 Datasheet
238Kb / 5P
   Millivolt Output Pressure Sensors
DS-0095 ASC-DS-0095 Datasheet
234Kb / 5P
   Millivolt Output Pressure Sensors
DS-0090 ASC-DS-0090 Datasheet
98Kb / 4P
   Millivolt Output Prime Pressure Sensors
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
   Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
All Sensors Corporation
DS-0009 ASC-DS-0009 Datasheet
140Kb / 5P
   DIGITAL OUTPUT PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com