Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1INCH-D1-BASIC Datasheet(PDF) 2 Page - All Sensors Corporation

Part # 1INCH-D1-BASIC
Description  Miniature Basic Pressure Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1INCH-D1-BASIC Datasheet(HTML) 2 Page - All Sensors Corporation

  1INCH-D1-BASIC Datasheet HTML 1Page - All Sensors Corporation 1INCH-D1-BASIC Datasheet HTML 2Page - All Sensors Corporation 1INCH-D1-BASIC Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Miniature Basic Pressure Sensors
Minimum
--
4.0
--
--
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, @ 1 “H2O, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Nominal
1.0
7.0
--
±0.1
±10
±15
±80
0.1
Maximum
--
14.0
±10
--
--
--
--
±0.5
Units
“H2O
mV
mV
mV
uV
uV
uV
%fs
Minimum
--
15
--
--
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, @ 5 “H2O, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Nominal
5.0
22.5
--
±0.1
±10
±15
±80
0.1
Maximum
--
30
±10
--
--
--
--
±0.5
Units
“H2O
mV
mV
mV
uV
uV
uV
%fs
One Port
Part Number
1 INCH-G-BASIC
5 INCH-G-BASIC
10 INCH-G-BASIC
20 INCH-G-BASIC
30 INCH-G-BASIC
Operating Pressure
0 - 1 “H2O
0 - 5 “H2O
0 - 10 “H2O
0 - 20 “H2O
0 - 30 “H2O
Two Ports Same Side
Part Number
1 INCH-D1-BASIC
5 INCH-D1-BASIC
10 INCH-D1-BASIC
20 INCH-D1-BASIC
30 INCH-D1-BASIC
Two Ports Opposite Side
Part Number
1 INCH-D2-BASIC
5 INCH-D2-BASIC
10 INCH-D2-BASIC
20 INCH-D2-BASIC
30 INCH-D2-BASIC
Standard Pressure Ranges
Supply Supply Voltage VS
Common-mode pressure
Lead Temperature
(soldering 2-4 sec.)
6 Vdc
5 psig
250°C
Pressure Sensor Characteristics Maximum Ratings
Temperature Ranges
Compensated
Operating
Storage
Humidity Limits
0 to 70° C
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Performance Characteristics for 1 INCH-x-BASIC
Performance Characteristics for 5 INCH-x-BASIC
Single in Line Packages-SIP


Similar Part No. - 1INCH-D1-BASIC

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-D1-BASIC ASC-1INCH-D1-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
More results

Similar Description - 1INCH-D1-BASIC

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-D2-BASIC ASC-5INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
1INCH-G-BASIC ASC-1INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
5INCH-G-BASIC ASC-5INCH-G-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
10INCH-D2-BASIC ASC-10INCH-D2-BASIC Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
logo
Sensortechnics GmbH
RXUB001A SENSORTECHNICS-RXUB001A Datasheet
267Kb / 7P
   Basic pressure sensors
RQUM050D SENSORTECHNICS-RQUM050D Datasheet
157Kb / 4P
   Basic pressure sensors
RZUP015A SENSORTECHNICS-RZUP015A Datasheet
261Kb / 5P
   Basic pressure sensors
HDUM100 SENSORTECHNICS-HDUM100 Datasheet
582Kb / 4P
   Basic pressure sensors
RPUM035G6A SENSORTECHNICS-RPUM035G6A Datasheet
219Kb / 5P
   Basic pressure sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com