Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-MLF-7009 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-MLF-7009
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7009 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-MLF-7009 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7009 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7009 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
5
8
6
Customer's Target PCB
Customer's
MLF
4
2
9
17.225mm
17.225mm
Assembled
6.95mm +
IC thickness
10
11
7
Recommended torque = 1.5 in. lbs.
(24 in. oz.)
A
A
3
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz MLF Socket - Direct mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: L
Date: 10/22/02
File: SG-MLF-7009 Dwg.mcd
SG-MLF-7009 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Ste 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
IC guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View
Side View
(Section AA)
Easily removable swivel socket lid
Socket Li d: Bla ck a nodized Alu mi num.
Thickn ess = 2.5mm.
Socket ba se screw: Socket hea d cap , Allo y stee l with
bla ck o xid e finish, 0- 80 fin e thre ad , 9.525mm long.
1
Ela stomer Guid e: Cirlex
Thickn ess = 0.475mm.
Compression Plate: B lack ano dize d A luminum.
Thickn ess = 1.5mm.
Ela stomer: 2 0 micron dia go ld plated brass
filaments ar ranged symmetrically in a silicone
rub ber (63.5 degre e a ngle).
Thickn ess = 0.5mm.
Socket ba se : Black a nodized Alumin um.
Thickn ess = 3mm.
Socket lid screw: Shou lder screw, 1 8-8 SS, 0 -80 fine
thread .
10
Socket ba se nu t: 18-8 Stainle ss steel, 0-80 fine th read.
Compression screw: Clear an odized Aluminu m.
Thickn ess = 5mm, Hex socke t = 3mm.
2
3
4
5
7
9
6
8
Modified: 11/11/14
PAGE 1 of 3
Nylo n washer: 1.73mm ID; 4.78mm O D
0.64mm thickness.
11
IC (MLF) G uide: To rlon 420 3


Similar Part No. - SG-MLF-7009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7000 IRONWOOD-SG-MLF-7000 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7001 IRONWOOD-SG-MLF-7001 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7002 IRONWOOD-SG-MLF-7002 Datasheet
384Kb / 5P
   Compression plate distributes forces evenly
SG-MLF-7003 IRONWOOD-SG-MLF-7003 Datasheet
37Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7004 IRONWOOD-SG-MLF-7004 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com