Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC-08CN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # DAC-08CN
Description  8-bit high-speed multiplying D/A converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC-08CN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DAC-08CN Datasheet HTML 7Page - NXP Semiconductors DAC-08CN Datasheet HTML 8Page - NXP Semiconductors DAC-08CN Datasheet HTML 9Page - NXP Semiconductors DAC-08CN Datasheet HTML 10Page - NXP Semiconductors DAC-08CN Datasheet HTML 11Page - NXP Semiconductors DAC-08CN Datasheet HTML 12Page - NXP Semiconductors DAC-08CN Datasheet HTML 13Page - NXP Semiconductors DAC-08CN Datasheet HTML 14Page - NXP Semiconductors DAC-08CN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product data
DAC-08 Series
8-bit high-speed multiplying D/A converter
2001 Aug 03
11
SETTLING TIME AND PROPAGATION DELAY
NOTES:
D1, D2 = IN6263 or equivalent
D3 = IN914 or equivalent
C1 = 0.01µF
C2, C3 = 0.1µF
Q1 = 2N3904
C4, C5 = 15pF and includes all probe and fixturing capacitance.
VIN
VS + = +15V
VADJ
VOUT
VS – = –15V
R15 = 5kΩ
IREF = 2mA
VREF = 10V
R14 = 5kΩ
VOUT
R1 = 1000Ω
R2 = 1000Ω
R3 = 500Ω
50
C1
C2
C5
C3
D3
D1
D2
C4
DUT
14
15
16
3
1
2
4
12
11
10
9
8
7
6
5
Q1
SL00010
Figure 10. Settling Time and Propagation Delay
BASIC DAC-08 CONFIGURATION
NOTES:
I
FS [
) V
REF
R
REF
x
255
256
;I
O )
I
O +
I
FS
for all logic states
MSB 2
3 4 5 6 7
LSB
56 7 8 9 10 11 12
14
15
316
13
1
2
4
DAC-08
(LOW T.C.)
V+
V–
IO
IO
+VREF
IREF
RREF
CCOMP
0.1
µF
0.1
µF
SL00011
Figure 11. Basic DAC-08 Configuration


Similar Part No. - DAC-08CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC-08CN PHILIPS-DAC-08CN Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
logo
ON Semiconductor
DAC-08CN ONSEMI-DAC-08CN Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
DAC-08CNG ONSEMI-DAC-08CNG Datasheet
141Kb / 14P
   8?묪it High?뭆peed Multiplying D/A Converter
October, 2005 ??Rev. 1
More results

Similar Description - DAC-08CN

ManufacturerPart #DatasheetDescription
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com