Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYWUSB6932-48LFXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYWUSB6932-48LFXC
Description  WirelessUSB LS 2.4-GHz DSSS Radio SoC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6932-48LFXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYWUSB6932-48LFXC Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6932-48LFXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CYWUSB6932
CYWUSB6934
Document 38-16007 Rev. *G
Page 7 of 30
7.0
Register Descriptions
Table 7-1
displays
the
list
of
registers
inside
the
CYWUSB6932/CYWUSB6934 ICs that are addressable
through the SPI interface. All registers are read and writable,
except where noted.
Table 7-1. CYWUSB6932/CyWUSB6934 Register Map[2]
Register Name
Mnemonic
CYWUSB6934
Address
Page
Default
Access
Revision ID
REG_ID
0x00
8
0x07
RO
Control
REG_CONTROL
0x03
8
0x00
RW
Data Rate
REG_DATA_RATE
0x04
9
0x00
RW
Configuration
REG_CONFIG
0x05
9
0x01
RW
SERDES Control
REG_SERDES_CTL
0x06
10
0x03
RW
Receive SERDES Interrupt Enable REG_RX_INT_EN
0x07[1]
11
0x00
RW
Receive SERDES Interrupt Status
REG_RX_INT_STAT
0x08[1]
12
0x00
RO
Receive SERDES Data A
REG_RX_DATA_A
0x09[1]
13
0x00
RO
Receive SERDES Valid A
REG_RX_VALID_A
0x0A[1]
13
0x00
RO
Receive SERDES Data B
REG_RX_DATA_B
0x0B[1]
13
0x00
RO
Receive SERDES Valid B
REG_RX_VALID_B
0x0C[1]
13
0x00
RO
Transmit SERDES Interrupt Enable REG_TX_INT_EN
0x0D
14
0x00
RW
Transmit SERDES Interrupt Status REG_TX_INT_STAT
0x0E
15
0x00
RO
Transmit SERDES Data
REG_TX_DATA
0x0F
16
0x00
RW
Transmit SERDES Valid
REG_TX_VALID
0x10
16
0x00
RW
PN Code
REG_PN_CODE
0x18–0x11
16
0x1E8B6A3DE0E9B222
RW
Threshold Low
REG_THRESHOLD_L
0x19[1]
17
0x08
RW
Threshold High
REG_THRESHOLD_H
0x1A[1]
17
0x38
RW
Wake Enable
REG_WAKE_EN
0x1C
17
0x00
RW
Wake Status
REG_WAKE_STAT
0x1D
18
0x01
RO
Analog Control
REG_ANALOG_CTL
0x20
18
0x04
RW
Channel
REG_CHANNEL
0x21
19
0x00
RW
Receive Signal Strength Indicator
REG_RSSI
0x22[1]
19
0x00
RO
PA Bias
REG_PA
0x23
19
0x00
RW
Crystal Adjust
REG_CRYSTAL_ADJ
0x24
20
0x00
RW
VCO Calibration
REG_VCO_CAL
0x26
20
0x00
RW
Reg Power Control
REG_PWR_CTL
0x2E
20
0x00
RW
Carrier Detect
REG_CARRIER_DETECT
0x2F
21
0x00
RW
Clock Manual
REG_CLOCK_MANUAL
0x32
21
0x00
RW
Clock Enable
REG_CLOCK_ENABLE
0x33
21
0x00
RW
Synthesizer Lock Count
REG_SYN_LOCK_CNT
0x38
21
0x64
RW
Manufacturing ID
REG_MID
0x3C–0x3F
21
RO
Notes:
1.
Register not applicable to CYWUSB6932.
2.
All registers are accessed Little Endian.


Similar Part No. - CYWUSB6932-48LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932-48LFXC CYPRESS-CYWUSB6932-48LFXC Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
More results

Similar Description - CYWUSB6932-48LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYWM6934 CYPRESS-CYWM6934_11 Datasheet
436Kb / 9P
   WirelessUSB LS??Radio Module
CYWM6934 CYPRESS-CYWM6934 Datasheet
492Kb / 6P
   WirelessUSB LS Radio Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com