Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC835 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC835
Description  LMC835 Digital Controlled Graphic Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC835 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC835 Datasheet HTML 1Page - National Semiconductor (TI) LMC835 Datasheet HTML 2Page - National Semiconductor (TI) LMC835 Datasheet HTML 3Page - National Semiconductor (TI) LMC835 Datasheet HTML 4Page - National Semiconductor (TI) LMC835 Datasheet HTML 5Page - National Semiconductor (TI) LMC835 Datasheet HTML 6Page - National Semiconductor (TI) LMC835 Datasheet HTML 7Page - National Semiconductor (TI) LMC835 Datasheet HTML 8Page - National Semiconductor (TI) LMC835 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Truth Tables
DATA I (Band Selection)
D7
D6
D5
D4
D3
D2
D1
D0
H
X
LLLLLL
H
X
LLLLL
H
H
X
LLLL
H
L
H
X
LLLL
H
H
H
X
L
L
LHL
L
H
X
L
L
LHLH
H
X
L
L
LH
HL
H
X
L
L
L
HHH
H
X
LL
H
LLL
H
X
L
L
HL
LH
H
X
L
L
HLHL
H
X
L
L
HLH
H
H
X
LL
H
H
LL
H
X
L
L
H
HLH
H
X
L
L
HHH
L
H
X
L
L
HHHH
H
X
L
H
Valid Binary Input
H
X
H
L
Valid Binary Input
H
X
H
H
Valid Binary Input
uuuu
w Band Code x
jklm
j
DATA 1
k
Don’t Care
l
Ch A g6 dB g12 dB Range
m
Ch B g6 dB g12 dB Range
(Ch A Band 1E7 Ch B Band 8E14)
Ch A g 12 dB Range Ch B g 12 dB Range No Band Selection
Ch A g 12 dB Range Ch B g 12 dB Range Band 1
Ch A g 12 dB Range Ch B g 12 dB Range Band 2
Ch A g 12 dB Range Ch B g 12 dB Range Band 3
Ch A g 12 dB Range Ch B g 12 dB Range Band 4
Ch A g 12 dB Range Ch B g 12 dB Range Band 5
Ch A g 12 dB Range Ch B g 12 dB Range Band 6
Ch A g 12 dB Range Ch B g 12 dB Range Band 7
Ch A g 12 dB Range Ch B g 12 dB Range Band 8
Ch A g 12 dB Range Ch B g 12 dB Range Band 9
Ch A g 12 dB Range Ch B g 12 dB Range Band 10
Ch A g 12 dB Range Ch B g 12 dB Range Band 11
Ch A g 12 dB Range Ch B g 12 dB Range Band 12
Ch A g 12 dB Range Ch B g 12 dB Range Band 13
Ch A g 12 dB Range Ch B g 12 dB Range Band 14
Ch A g 12 dB Range Ch B g 12 dB Range No Band Selection
Ch A g 12 dB Range Ch B g 6 dB Range Band 1E14
Ch A g 6 dB Range Ch B g 12 dB Range Band 1E14
Ch A g 6 dB Range Ch B g 6 dB Range Band 1E14
This is the gain if the g12 dB range is
selected by DATA I If the g6dB
range is selected
then the values
shown must be approximately halved
See the characteristics curves for
more exact data
DATA II (Gain Selection)
D7
D6
D5
D4
D3
D2
D1
D0
Flat
L
X
L
L
L
L
L
L
1 dB Boost
L
H
H
L
L
L
L
L
2 dB Boost
L
H
L
H
L
L
L
L
3 dB Boost
L
H
L
L
H
L
L
L
4 dB Boost
L
H
L
L
L
H
L
L
5 dB Boost
L
H
L
L
L
L
H
L
6 dB Boost
L
H
L
H
L
L
H
L
7 dB Boost
L
H
H
L
H
L
H
L
8 dB Boost
L
H
L
H
L
H
H
L
9 dB Boost
L
H
L
L
L
L
L
H
10 dB Boost
L
H
H
L
H
L
L
H
11 dB Boost
L
H
H
L
H
H
L
H
12 dB Boost
L
H
H
L
H
H
H
H
$
1dBE12 dB Cut
L
L
Valid Above Input
uu
w Gain Code x
no
n
DATA II
o
BoostCut
5


Similar Part No. - LMC835

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC8101 NSC-LMC8101 Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
logo
Texas Instruments
LMC8101 TI1-LMC8101 Datasheet
1Mb / 26P
[Old version datasheet]   Rail-to-Rail Input and Output, 2.7V Op Amp in DSBGA Package With Shutdown
logo
National Semiconductor ...
LMC8101BP NSC-LMC8101BP Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BP NSC-LMC8101BP Datasheet
755Kb / 19P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
LMC8101BPX NSC-LMC8101BPX Datasheet
709Kb / 15P
   Rail-to-Rail Input and Output, 2.7V Op Amp in micro SMD package with Shutdown
More results

Similar Description - LMC835

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7317 STMICROELECTRONICS-TDA7317 Datasheet
175Kb / 12P
   FIVE BANDS DIGITAL CONTROLLED GRAPHIC EQUALIZER
November 1999
TDA7316 STMICROELECTRONICS-TDA7316 Datasheet
81Kb / 10P
   FOUR BANDSDIGITAL CONTROLLED GRAPHIC EQUALIZER
November 1999
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
   GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
   Graphic Equalizer System
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com