Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM20020ILJP3V Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM20020ILJP3V
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020ILJP3V Datasheet(HTML) 1 Page - SMSC Corporation

  COM20020ILJP3V Datasheet HTML 1Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 2Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 3Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 4Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 5Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 6Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 7Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 8Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
COM20020 3.3V
COM20020 3.3V ULANC
Universal Local Area Network Controller
with 2K x 8 On-Board RAM
FEATURES
!" New Features
-
Data Rates up to 5 Mbps
-
Programmable Reconfiguration Times
!" 24 Pin DIP, 28 Pin PLCC Package
!" Ideal for Industrial/Factory/Building
Automation and Transportation
Applications
!" Deterministic, (ANSI 878.1), Token Passing
ARCNET Protocol
!" Minimal Microcontroller and Media
Interface Logic Required
!" Flexible Interface For Use With All
Microcontrollers or Microprocessors
!" Automatically Detects Type of
Microcontroller Interface
!" 2Kx8 On-Chip Dual Port RAM
!" Command Chaining for Packet Queuing
!" Sequential Access to Internal RAM
!" Software Programmable Node ID
!" Eight, 256 Byte Pages Allow Four Pages TX
and RX Plus Scratch-Pad Memory
!" Next ID Readable
!" Internal Clock Scaler and Clock Multiplier for
Adjusting Network Speed
!" Operating Temperature Range of -40
oC to
+85
oC
!" Self-Reconfiguration Protocol
!" Supports up to 255 Nodes
!" Supports Various Network Topologies (Star,
Tree, Bus...)
!" CMOS, Single +3.3V Supply
!" Duplicate Node ID Detection
!" Powerful Diagnostics
!" Receive All Packets Mode
!" Flexible Media Interface:
-
Traditional Hybrid Interface For Long
Distances up to Four Miles at 2.5Mbps.
-
RS485 Differential Driver Interface For
Low Cost, Low Power, High Reliability
ORDERING INFORMATION
Order Numbers:
COM20020ILJP3V
28 PLCC Package
COM20020IP3V
24 DIP Package


Similar Part No. - COM20020ILJP3V

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20020ILJP3V

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020D SMSC-COM20020D Datasheet
241Kb / 72P
   ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020 SMSC-COM20020_00 Datasheet
536Kb / 82P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020-5 SMSC-COM20020-5 Datasheet
250Kb / 58P
   Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com