Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


T-1062SCT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part No. T-1062SCT
Description  Copperhead High Speed Dual Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

   
 1 page
background image
M105.E (12/14)
1
pulseelectronics.com
Copperhead™ High Speed
Dual Transformers
Compliant with ANSI X3T111, Fiber Channel, FC-PH-3
for quarter/full speed applications, SMPTE, IEEE1394 Firewire
Moisture sensitivity Level 3
Pick and place compatible
Peak temperature profile 250�C; NL parts peak temperature is
245�C.
AS9100 Certified (Based on and including ISO 9001:2000)
T-330SCT, T-531SCT, T-1062SCT, T1250SCT and T-1485SCT
Mechanical
Schematic
Electrical Specifications @ 25°C - Operating Temperature -55°C to +125°C
Part Number
Turns Ratio
(±5%)
Primary
Inductance
(µH MIN)
Risse
Time @ 20
& 80%
(pS MAX)
DC Resistance
(
ΩMAX)
Hi-Pot
(Vrms MIN)
Insertion Loss
(dB MAX)
Application Nominal
Bit Rate (Mbaud)
T-330SCT
1CT : 1CT
26 @ 1 Vrms, 100kHz
350
0.2
1,500
-1.5 @ 15-165MHz
265.6 (1/4 speed)
T-531SCT
1CT : 1CT
7.5 @ 1 Vrms, 100kHz
325
0.2
1,500
-2.0 @ 50-265MHz
531 (half speed)
T-1062SCT
1CT : 1CT
3.75 @ 1 Vrms, 100kHz
280
0.2
1,500
-2.0 @ 100-531MHz
1,062.5 (full speed)
T-1250SCT
1CT : 1CT
3.75 @ 1 Vrms, 100kHz
280
0.2
1,500
-2.0 @ 125-650MHz
1,250
T-1485SCT
1CT : 1CT
3.75 @ 1 Vrms, 100kHz
280
0.2
1,500
-2.0
1,485 (SMTPE)
T-3200SCT
1 : 1
0.70
200
0.2
1,500
-4.5
3,200
Notes:
1. To order a RoHS compliant part, add the suffix “NL” to the part number, i.e. T-330SCT becomes T-330SCTNL.
2. Add suffix “
T” to part number for Tape & Reel package (i.e. T-330SCTT).
Part Number
Date Code
Country of Origin
.500
12,70
.070
1,78
.050
1,27
.010
0,25
.475
12,05
.307
7,81
.084
2,13
.350
8,89
.50
1,27
.020
0,51
.050
1,27
0° - 8°
.180
4,57
.010
0,25
.016 ± .002
0,41 ± 0,05
.290
7,37
.435
11,05
MAX
MAX
TYP
TYP
MAX
TYP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Weight ...............1.0 grams
Tape & Reel ............ 400/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl