Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN24-65-8 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # IN24-65-8
Description  Wall mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IN24-65-8 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  IN24-65-8 Datasheet HTML 1Page - Laird Tech Smart Technology IN24-65-8 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
jljljlj
global solutions :
local support
TM
ANT-SPEC-IN24-8-7dB-1108
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability, or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant
to the Laird Technologies domestic terms and conditions of sale in effect from time to time, a copy of which will be furnished upon request.
Specifications subject to change without notice.
Specifications
Notes:
• All shipments F.O.B. Schaumburg, IL 60173
• All antennas carry a 2 Year Warranty
Antenna Patterns
System Ordering:
IN24-65-8 2.4GHz 8dBi 65deg Indoor Directional Antenna
IN24-90-7 2.4GHz 7dBi 90 deg Indoor Directional Antenna
Parameter
Model
Min
Typ
Max
Units
Frequency Range
2400
2483
MHz
Gain
IN24-65-8
IN24-90-7
8
7
dBi
Horizontal Beam Angle
IN24-65-8
IN24-90-7
65
90
degrees
Vertical Beam Angle
50
degrees
Front to Back
15
dB
Input Return Loss (S11)
-14
dB
VSWR
1.5:1
Impedance
50 Ω
OHM
Input Power
100
W
Operating Temperature
-40
+70
Deg C
Weight
6.5 (0.18)
Lb (Kg)
Dimension (Dia x Height)
4” x 3.75” x 1” (102 x 95 x 25)
In (mm)
IN24-65-8/IN24-65-7


Similar Part No. - IN24-65-8

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
More results

Similar Description - IN24-65-8

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
LX110 LUMINIS-LX110 Datasheet
98Kb / 2P
   Wall mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com