Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44QQ6500F8SJ Datasheet(PDF) 4 Page - Kemet Corporation

Part # C44QQ6500F8SJ
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44QQ6500F8SJ Datasheet(HTML) 4 Page - Kemet Corporation

  C44QQ6500F8SJ Datasheet HTML 1Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 2Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 3Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 4Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 5Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 6Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 7Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 8Page - Kemet Corporation C44QQ6500F8SJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
4
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
FIT Group A – Heavy Duty
Test Method
Test voltage between terminals
1.5 x V
NDC for 10 seconds or 1.65 VNDC for 2 seconds at 25°C
Test voltage between terminals
and case
3.2 kVAC 50 Hz for 2 seconds
Damp Heat
IEC 60068–2–78
Change of temperature
IEC 60068–2–14
Lifetime Expectancy/Failure Quota Graphs
FIT Group B – Standard Duty
Lifetime Curve Group B – Standard Duty
Lifetime Curve Group A – Heavy Duty
Notes:
T
HS = TAMB + ΔT
ΔT = ESR * I
rms
2
* Rth
I
rms should be limited to values granting ΔT ≤ 45°C
1
10
100
1,000
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
U/UNDC
FIT @ Hot Spot Temperatures
90
85
70
<55
Hot Spot
Temperature °C
1
10
100
1,000
10,000
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
U/UNDC
FIT @ Hot Spot Temperatures
85
70
60
<50
Hot Spot
Temperature °C
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
10
100
1,000
10,000
100,000
1,000,000
<50
60
70
85
Lifetime curve C44U series
Hot Spot
Temperature °C
Lifetime Expectancy [h]
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
10
100
1,000
10,000
100,000
1,000,000
<55
70
85
90
Lifetime curve C44U series
Hot Spot
Temperature °C
Lifetime Expectancy [h]


Similar Part No. - C44QQ6500F8SJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
C44 SURGE-C44 Datasheet
2Mb / 9P
   Withstanding overvoltage stressing
logo
Texas Instruments
C44-10BSA1-G TI-C44-10BSA1-G Datasheet
853Kb / 42P
[Old version datasheet]   Tiva??C Series TM4C1294 Connected LaunchPad Evaluation Kit
logo
Powerex Power Semicondu...
C440 POWEREX-C440 Datasheet
525Kb / 4P
   Phase Control SCR 900 Amperes Average 1600 Volts
logo
Kemet Corporation
C440 KEMET-C440 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C440 KEMET-C440 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C44QQ6500F8SJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com