Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPT-CW49-01 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SFPT-CW49-01
Description  1.25Gb/s CWDM Single-mode SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-CW49-01 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SFPT-CW49-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-CW49-01 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT DATASHEET
1.25Gb/s CWDM Single-mode SFP Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-CWxx-01
ELLA
15 Sep., 2014
P1
1
OF
10
http://www.pulseelectronics.com/
PART NUMBER: SFPT-CW31-01, SFPT-CW49-01, SFPT-CW55-01,
PRODUCT FEATURES
Up to 1.25Gb/s data links
DFB laser transmitter and PIN photo-detector
Up to 80km on 9/125µm SMF
Hot-pluggable SFP footprint
Duplex LC/UPC type pluggable optical interface
Low power dissipation
Metal enclosure, for lower EMI
RoHS compliant and lead-free
Single +3.3V power supply
Support Digital Diagnostic Monitoring interface
Compliant with SFF-8472
Case operating temperature: 0°C to +70°


Similar Part No. - SFPT-CW49-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
SFPT-BD35-01 PULSE-SFPT-BD35-01 Datasheet
208Kb / 10P
   SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
446Kb / 2P
   Connector Platform
More results

Similar Description - SFPT-CW49-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-LX2-01 PULSE-SFPT-LX2-01 Datasheet
205Kb / 10P
   1.25Gb/s 1310nm Single-mode SFP Transceiver
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
   1.25Gb/s 1550nm Single-mode SFP Transceiver
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
Optoway Technology Inc
SPS-9380R-CXX0G OPTOWAY-SPS-9380R-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340R-CXX0G OPTOWAY-SPS-9340R-CXX0G Datasheet
150Kb / 5P
   3.3V / CWDM/ 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100R-CXX0G OPTOWAY-SPS-93100R-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RW-CXX0G OPTOWAY-SPS-9380RW-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100RW-CXX0G OPTOWAY-SPS-93100RW-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340RW-CXX0G OPTOWAY-SPS-9340RW-CXX0G Datasheet
151Kb / 5P
   3.3V / CWDM/ 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com