Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPT-BD35-01 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # SFPT-BD35-01
Description  SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPT-BD35-01 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button SFPT-BD35-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 9Page - Pulse A Technitrol Company SFPT-BD35-01 Datasheet HTML 10Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT DATASHEET
SFP BIDI DDM 155M 1310/1550nm 20KM Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPT-BD35-01
ELLA
15 Sep., 2014
P1
8
OF
10
http://www.pulseelectronics.com/
address 1010000X (A0h). The digital diagnostic monitoring interface makes use of the 8 bit address 1010001X (A2h),
so the originally defined serial ID memory map remains unchanged. The interface is identical to, and is thus fully
backward compatible with both the GBIC Specification and the SFP Multi Source Agreement.
The operating and diagnostics information is monitored and reported by a Digital Diagnostics Transceiver Controller
(DDTC) inside the transceiver, which is accessed through a 2-wire serial interface. When the serial protocol is activated,
the serial clock signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the SFP
transceiver into those segments of the E2PROM that are not write-protected. The negative edge clocks data from the
SFP transceiver. The serial data signal (SDA, Mod Def 2) is bi-directional for serial data transfer. The host uses SDA in
conjunction with SCL to mark the start and end of serial protocol activation. The memories are organized as a series of
8-bit data words that can be addressed individually or sequentially.
Digital diagnostics for the SFPT-BD35-01 are internally calibrated by default.


Similar Part No. - SFPT-BD35-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
More results

Similar Description - SFPT-BD35-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
   SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
logo
Level One
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
   155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
SFP-7321 LVL1-SFP-7321 Datasheet
317Kb / 4P
   155M SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
SFP-9331 LVL1-SFP-9331 Datasheet
327Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
SFP-9321 LVL1-SFP-9321 Datasheet
324Kb / 4P
   1.25G SMF BIDI SFP Transceiver 20km T1310/R1550nm
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Level One
SFP-7431 LVL1-SFP-7431 Datasheet
258Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1550/1310nm
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
   1.25G BIDI SMF SFP Transceiver
logo
Source Photonics, Inc.
SP-GB-ELX-CNA SOURCE-SP-GB-ELX-CNA Datasheet
476Kb / 7P
   20Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com