Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPPT-SR3-01 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SFPPT-SR3-01
Description  10Gb/s 850nm Multi-mode SFP Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPPT-SR3-01 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SFPPT-SR3-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPPT-SR3-01 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PRODUCT DATASHEET
10Gb/s 850nm Multi-mode SFP+ Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPPT-SR3-01
ELLA
15, Sep., 2014
P1
2
OF
8
http://www.pulseelectronics.com/
Compliant to 802.3ae 10GBASE-SR.
RoHS Compliant.
I. Absolute Maximum Ratings
II. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Case Operating Temperature
Tcase
0
-
70
ºC
Without air flow
Power Supply Voltage
VCC
3.14
3.3
3.47
V
Power Supply Current
ICC
-
350
mA
Data Rate
BR
10.3125
Gbps
Transmission Distance
TD
-
300
m
Coupled fiber
Multi mode fiber
50/125um MMF
III.
Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr
POUT
-6
-1
dBm
1
Optical Wavelength
λ
840
850
860
nm
Optical Extinction Ratio
ER
3.0
dB
RIN
RIN
-128
dB/Hz
Output Eye Mask
Compliant with IEEE 802.3ae
Receiver
Rx Sensitivity
RSENS
-10
dBm
2
Input Saturation Power (Overload)
Psat
0.5
dBm
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Storage Temperature
Ts
-40
-
85
ºC
Storage Ambient Humidity
HA
5
-
95
%
Operating Relative Humidity
RH
-
-
85
%
Power Supply Voltage
VCC
-0.3
-
4
V
Signal Input Voltage
Vcc-0.3
-
Vcc+0.3
V


Similar Part No. - SFPPT-SR3-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPPT-SR3-01 PULSE-SFPPT-SR3-01 Datasheet
446Kb / 2P
   Connector Platform
More results

Similar Description - SFPPT-SR3-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
   ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BTL FINISAR-FTLX1672D3BTL Datasheet
427Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com