Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFPPT-BD3-01 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # SFPPT-BD3-01
Description  10Gb/s BIDI SFP 10km Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPPT-BD3-01 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

  SFPPT-BD3-01 Datasheet HTML 1Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 2Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 3Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 4Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 5Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 6Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 7Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 8Page - Pulse A Technitrol Company SFPPT-BD3-01 Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PRODUCT DATASHEET
10Gb/s BIDI SFP+ 10km Transceiver
PART NUMBER
DFTO
DATE
REVISION
SHEET NO
SFPPT-BD2-01 /
SFPPT-BD3-01
ELLA
15 Sep., 2014
P1
9
OF
9
http://www.pulseelectronics.com/
VIII.
Outline Dimensions
IX.
Regulatory Compliance
Feature
Reference
Performance
Electrostatic discharge
ESD
IEC/EN 61000-4-2
Compatible with standards
Electromagnetic Interference (EMI)
FCC Part 15 Class B EN 55022 Class B
(CISPR 22A)
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10, 1040.11 IEC/EN
60825-1
2
Class 1 laser product
Component Recognition
IEC/EN 60950
UL
Compatible with standards
ROHS
2002/95/EC
Compatible with standards
EMC
EN61000-3
Compatible with standards


Similar Part No. - SFPPT-BD3-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPPT-BD2-01 PULSE-SFPPT-BD2-01 Datasheet
446Kb / 2P
   Connector Platform
More results

Similar Description - SFPPT-BD3-01

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
Finisar Corporation.
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
logo
Level One
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
logo
Finisar Corporation.
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1475D3BCV FINISAR-FTLX1475D3BCV Datasheet
496Kb / 13P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
Rev. B1
FTLX1471D3BCL_VO1 FINISAR-FTLX1471D3BCL_VO1 Datasheet
658Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
FTLX1471D3BCL FINISAR-FTLX1471D3BCL Datasheet
619Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km Single Mode Datacom SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com