Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW274 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQW274
Description  PhotoMOS RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW274 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQW274 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW274 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW274 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQW274 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
196
1
2
3
4
8
7
6
5
PD Type
2- channel (Form A) Type
mm inch
8.8
±0.2
.346
±.008
3.9
±0.2
.154
±.008
19.46
±0.2
.766
±.008
8.8
±0.2
.346
±.008
3.7
±0.2
.146
±.008
19.46
±0.2
.766
±.008
FEATURES
1. Flat-Packaged Type (W) 8.8
× (D)
19.46
× (H) 3.9mm (W) .346× (D) .766×
(H) .154inch
2. High capacity
Supports the various types of load con-
trol, from very small loads to a maximum
1.8A at the rated load voltage 60V
(AQW272)
3. High sensitivity
• Low ON resistance
A maximum 1.8A load can be controlled
with a 5mA input current. The ON resis-
tance is low at 0.11
Ω (typ.) (AQW272)
TYPICAL APPLICATIONS
• Measuring and Testing equipment
• IC Testers and Board Testers
• High speed inspection machines
• Railroad, traffic signals
TYPES
* Indicate the peak AC and DC values.
Note: For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
Type
Output rating*
Part No.
Packing quantity
Load voltage
Load current
Through hole
terminal
Surface-mount terminal
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
60V
1.8A
AQW272
AQW272A
AQW272AX
AQW272AZ
1 tube contains
25 pcs.
1 batch contains
250 pcs.
1,000 pcs.
100V
1.1A
AQW275
AQW275A
AQW275AX
AQW275AZ
200V
0.55A
AQW277
AQW277A
AQW277AX
AQW277AZ
400V
0.3A
AQW274
AQW274A
AQW274AX
AQW274AZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW272(A)
AQW275(A)
AQW277(A)
AQW274(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
100 V
200 V
400 V
Continuous load current
(Peak AC)
IL
1.8 A
(2.5 A)
1.1 A
(1.5 A)
0.55 A
(0.7 A)
0.3 A
(0.4 A)
Peak AC, DC ( ): in case of
using only 1 channel
Peak load current
Ipeak
6.0 A
4.0 A
2.0 A
1.0 A
100ms (1 shot), VL = DC
Power dissipation
Pout
1,100 mW
Total power dissipation
PT
1,100 mW
I/O isolation voltage
Viso
2,500 V AC
Temperture limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQW274

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW21 PANASONIC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC2-AQW21 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW21 ETC-AQW21 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW274

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
   PhotoMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com