Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6464 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6464
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6464 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6464 Datasheet HTML 4Page - National Semiconductor (TI) LMC6464 Datasheet HTML 5Page - National Semiconductor (TI) LMC6464 Datasheet HTML 6Page - National Semiconductor (TI) LMC6464 Datasheet HTML 7Page - National Semiconductor (TI) LMC6464 Datasheet HTML 8Page - National Semiconductor (TI) LMC6464 Datasheet HTML 9Page - National Semiconductor (TI) LMC6464 Datasheet HTML 10Page - National Semiconductor (TI) LMC6464 Datasheet HTML 11Page - National Semiconductor (TI) LMC6464 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics V
S = +5V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Gain and Phase vs
Capacitive Load
DS012051-45
Slew Rate vs
Supply Voltage
DS012051-46
Non-Inverting Large
Signal Pulse Response
DS012051-47
Non-Inverting Large
Signal Pulse Response
DS012051-48
Non-Inverting Large
Signal Pulse Response
DS012051-49
Non-Inverting Small
Signal Pulse Response
DS012051-50
Non-Inverting Small
Signal Pulse Response
DS012051-51
Non-Inverting Small
Signal Pulse Response
DS012051-52
Inverting Large
Signal Pulse Response
DS012051-53
www.national.com
8


Similar Part No. - LMC6464

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6464AIM NSC-LMC6464AIM Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
logo
Texas Instruments
LMC6464AIM TI1-LMC6464AIM Datasheet
1Mb / 31P
[Old version datasheet]   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6464AIM/NOPB TI1-LMC6464AIM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464AIMNOPB NSC-LMC6464AIMNOPB Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
LMC6464AIMX NSC-LMC6464AIMX Datasheet
1Mb / 32P
   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
More results

Similar Description - LMC6464

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
[Old version datasheet]   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
[Old version datasheet]   LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
   Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com