Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIS488DN Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIS488DN
Description  Capable of Operating with 5 V Gate Drive
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS488DN Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIS488DN Datasheet HTML 2Page - Vishay Siliconix SIS488DN Datasheet HTML 3Page - Vishay Siliconix SIS488DN Datasheet HTML 4Page - Vishay Siliconix SIS488DN Datasheet HTML 5Page - Vishay Siliconix SIS488DN Datasheet HTML 6Page - Vishay Siliconix SIS488DN Datasheet HTML 7Page - Vishay Siliconix SIS488DN Datasheet HTML 8Page - Vishay Siliconix SIS488DN Datasheet HTML 9Page - Vishay Siliconix SIS488DN Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 62882
S13-1670-Rev. A, 29-Jul-13
Vishay Siliconix
SiS488DN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62882.
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 81 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Normalized Thermal Transient Impedance, Junction-to-Case
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


Similar Part No. - SIS488DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS488DN VISHAY-SIS488DN_V01 Datasheet
564Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS488DN

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
AP9452AGG-HF A-POWER-AP9452AGG-HF Datasheet
99Kb / 4P
   Capable of 2.5V Gate Drive, Single Drive Requirement
AP9T15GH,J A-POWER-AP9T15GH,J_10 Datasheet
103Kb / 4P
   Low Gate Charge, Capable of 2.5V Gate Drive
AP9T19GJ A-POWER-AP9T19GJ Datasheet
80Kb / 4P
   Low Gate Charge, Capable of 2.5V gate drive
AP2344GN-HF A-POWER-AP2344GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP9T18GH,J A-POWER-AP9T18GH,J_08 Datasheet
218Kb / 6P
   Low Gate Charge, Capable of 2.5V gate drive
AP2535GEY-HF A-POWER-AP2535GEY-HF Datasheet
128Kb / 7P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2612GY-HF A-POWER-AP2612GY-HF Datasheet
101Kb / 4P
   Capable of 1.8V Gate Drive, Simple Drive Requirement
AP2322GN-HF A-POWER-AP2322GN-HF Datasheet
96Kb / 4P
   Capable of 1.8V gate drive, Simple Drive Requirement
AP9452GG-HF A-POWER-AP9452GG-HF Datasheet
96Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com