Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219691131E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL219691131E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691131E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL219691131E3 Datasheet HTML 1Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 2Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 3Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 4Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 5Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 6Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691131E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
2
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
QUICK REFERENCE DATA
DESCRIPTION
VALUE
SINGLE CELL
2 CELLS
3 CELLS
4 CELLS
5 CELLS
6 CELLS
Nominal case size (Ø D x L in mm)
Stacked Through-Hole (STH)
7 x 2.5
12 x 2.5
-
35 x 25 x 5
7 x 5
12 x 5
25 x 15 x 5
35 x 25 x 7.5
7 x 7.5
12 x 7.5
25 x 15 x 7.5
35 x 25 x 10
7 x 10
12 x 10
25 x 15 x 10
35 x 25 x 15
7 x 12.5
12 x 12.5
-
35 x 25 x 17.5
7 x 15
12 x 15
-
35 x 25 x 20
Nominal case size (Ø W x L x H in mm)
Surface-Mount Flat (SMF)
7 x 7 x 2.5
12 x 12 x 2.5
-
7 x 14 x 2.5
12 x 24 x 2.5
-
13 x 14 x 2.5
22 x 24 x 2.5
-
14 x 14 x 2.5
24 x 24 x 2.5
-
--
Nominal case size (W x L x H in mm)
Lay Flat (LFC)
14.5 x 12 x 2.5 14.5 x 24 x 2.5 14.5 x 36 x 2.5 14.5 x 48 x 2.5 14.5 x 60 x 2.5 14.5 x 72 x 2.5
Rated capacitance range, CR
4.0 F
15.0 F
-
90.0 F
4.0 F
15.0 F
45.0 F
90.0 F
4.0 F
15.0 F
45.0 F
90.0 F
4.0 F
15.0 F
45.0 F
90.0 F
4.0 F
15.0 F
-
90.0 F
4.0 F
15.0 F
-
90.0 F
Tolerance on CR at 20 °C
-20 % to +80 %
Rated voltage, UR
1.4 V
2.8 V
4.2 V
5.6 V
7.0 V
8.4 V
Maximum surge voltage, US (max. 30 s)
1.6 V
3.2 V
4.8 V
6.4 V
8.0 V
9.6 V
Minimum stored energy
4 Ws
17 Ws
-
115 Ws
9 Ws
35 Ws
100 Ws
230 Ws
13 Ws
52 Ws
150 Ws
345 Ws
18 Ws
70 Ws
200 Ws
460 Ws
22 Ws
87 Ws
-
575 Ws
27 Ws
105 Ws
-
690 Ws
Energy density
9 Ws/g to 13 Ws/g
Category temperature range
4.0 F: -20 °C to +70 °C
15.0 F / 45.0 F / 90.0 F: -20 °C to +85 °C
Storage temperature range
-40 °C to +85 °C
Useful life at UR
4.0 F:
at 70 °C: 1000 h
15.0 F:
at 85 °C: 1000 h
45.0 F,
90.0 F:
at 85 °C: 2000 h
at 55 °C: 2800 h
at 70 °C: 2800 h
at 70 °C: 5600 h
at 45 °C: 5600 h
at 60 °C: 5600 h
at 60 °C: 11 200 h
Shelf life
1000 h at upper category temperature
Climatic category IEC 60068
25 / 085 / 21
SELECTION CHART FOR CR, UR, AND FORM AT UPPER CATEGORY TEMPERATURE (UCT)
CR
(F)
FORM
UR (V)
1.4
2.8
4.2
5.6
7.0
8.4
4
A2
7.0 x 2.5
7.0 x 5.0
7.0 x 7.5
7.0 x 10.0
7.0 x 12.5
7.0 x 15.0
B2
7.0 x 2.5
7.0 x 5.0
7.0 x 7.5
7.0 x 10.0
7.0 x 12.5
7.0 x 15.0
B3
C
7.0 x 7.0 x 2.5
-
-
-
-
-
D
7.0 x 7.0 x 2.5
-
-
-
-
-
E
-
7.0 x 14.0 x 2.5
13.0 x 14.0 x 2.5
14.0 x 14.0 x 2.5
-
-
15
A2
12.0 x 2.5
12.0 x 5.0
12.0 x 7.5
12.0 x 10.0
12.0 x 12.5
12.0 x 15.0
B2
12.0 x 2.5
12.0 x 5.0
12.0 x 7.5
12.0 x 10.0
12.0 x 12.5
12.0 x 15.0
B3
C
12.0 x 12.0 x 2.5
-
-
-
-
-
D
12.0 x 12.0 x 2.5
-
-
-
-
-
E
-
12.0 x 24.0 x 2.5
22.0 x 24.0 x 2.5
24.0 x 24.0 x 2.5
-
-
F
14.5 x 12.0 x 2.5
14.5 x 24.0 x 2.5
14.5 x 36.0 x 2.5
14.5 x 48.0 x 2.5
14.5 x 60.0 x 2.5
14.5 x 72.0 x 2.5
45
I
-
25 x 15 x 5
25 x 15 x 7.5
25 x 15 x 10
-
-
K
90
G
35 x 25 x 5
35 x 25 x 7.5
35 x 25 x 10
35 x 25 x 15
35 x 25 x 17.5
35 x 25 x 20
H


Similar Part No. - MAL219691131E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691131E3 VISHAY-MAL219691131E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691131E3 VISHAY-MAL219691131E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691131E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com