Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL219691111E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL219691111E3
Description  Hybrid Energy Storage Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219691111E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL219691111E3 Datasheet HTML 4Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 5Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 6Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 7Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 8Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 9Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 10Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 11Page - Vishay Siliconix MAL219691111E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 13-Jan-17
8
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) ESR AC 1 kHz are typical values.
(2) ESR DC are typical values.
Table 3
Note
(1) n... number of cells, permanent operation below lowest discharge voltage is not permitted.
SURFACE MOUNT FLAT CONFIGURATION (SMF)
1.4
4 000 000
7.0 x 7.0 x 2.5
2 pin
C
-
-
70
0.03
2.5
7.5
4.6
50
MAL219691131E3
1.4
15 000 000
12.0 x 12.0 x 2.5
2 pin
C
-
-
85
0.12
0.6
2.5
17.5
100
MAL219691231E3
1.4
4 000 000
7.0 x 7.0 x 2.5
2 pin
D1
-
-
70
0.03
2.5
7.5
4.6
50
MAL219691141E3
1.4
15 000 000
12.0 x 12.0 x 2.5
2 pin
D2
-
-
85
0.12
0.6
2.5
17.5
100
MAL219691241E3
2.8
4 000 000
7.0 x 14.0 x 2.5
2 pin
E2
-
-
70
0.03
5.0
15.0
9.2
50
MAL219691152E3
2.8
15 000 000
12.0 x 24.0 x 2.5
2 pin
E2
-
-
85
0.12
1.2
5.0
35.0
50
MAL219691252E3
4.2
4 000 000
13.0 x 14.0 x 2.5
3 pin
E3
-
-
70
0.03
7.5
22.5
13.8
70
MAL219691153E3
4.2
15 000 000
22.0 x 24.0 x 2.5
3 pin
E3
-
-
85
0.12
1.8
7.5
52.5
35
MAL219691253E3
5.6
4 000 000
14.0 x 14.0 x 2.5
4 pin
E4
-
-
70
0.03 10.0
30.0
18.4
70
MAL219691154E3
5.6
15 000 000
24.0 x 24.0 x 2.5
4 pin
E4
-
-
85
0.12
2.4
10.0
70.0
35
MAL219691254E3
LAY FLAT CONFIGURATION (LFC)
1.4
15 000 000
14.5 x 12.0 x 2.5
2 pin
F
-
-
85
0.12
0.6
2.5
17.5
40
MAL219691261E3
2.8
15 000 000
14.5 x 24.0 x 2.5
2 pin
F
-
-
85
0.12
1.2
5.0
35.0
40
MAL219691262E3
4.2
15 000 000
14.5 x 36.0 x 2.5
2 pin
F
-
-
85
0.12
1.8
7.5
52.5
40
MAL219691263E3
5.6
15 000 000
14.5 x 48.0 x 2.5
2 pin
F
-
-
85
0.12
2.4
10.0
70.0
20
MAL219691264E3
7.0
15 000 000
14.5 x 60.0 x 2.5
2 pin
F
-
-
85
0.12
3.0
12.5
87.5
20
MAL219691265E3
8.4
15 000 000
14.5 x 72.0 x 2.5
2 pin
F
-
-
85
0.12
3.6
15.0
105.0
20
MAL219691266E3
STACKED THROUGH HOLE OVAL
2.8
45 000 000
25 x 15 x 5.0
3 pin
I
5
10
85
0.15
0.5
1.0
100.0
40
MAL219690203E3
4.2
45 000 000
25 x 15 x 7.5
3 pin
I
7.5
10
85
0.15 0.75
1.5
150.0
40
MAL219690201E3
5.6
45 000 000
25 x 15 x 10.0
3 pin
I
10
10
85
0.15
1.0
2.0
200.0
40
MAL219690202E3
1.4
90 000 000
35 x 25 x 5.0
3 pin
G
5
10
85
0.5 0.015 0.045
115.0
25
MAL219690106E3
2.8
90 000 000
35 x 25 x 7.5
3 pin
G
7.5
10
85
0.5
0.03 0.090
230.0
25
MAL219690103E3
4.2
90 000 000
35 x 25 x 10.0
3 pin
G
10
10
85
0.5
0.04 0.135
345.0
25
MAL219690101E3
5.6
90 000 000
35 x 25 x 15.0
3 pin
G
15
10
85
0.5
0.06 0.180
460.0
25
MAL219690102E3
7.0
90 000 000
35 x 25 x 17.5
3 pin
G
17.5
10
85
0.5 0.075 0.225
575.0
25
MAL219690107E3
8.4
90 000 000
35 x 25 x 20.0
3 pin
G
20.0
10
85
0.5
0.09 0.270
690.0
25
MAL219690108E3
STACKED THROUGH HOLE OVAL HORIZONTAL
2.8
45 000 000
25 x 15 x 5.0
3 pin
K
15
10
85
0.15
0.5
1.0
100.0
40
MAL219690213E3
4.2
45 000 000
25 x 15 x 7.5
3 pin
K
15
10
85
0.15 0.75
1.5
150.0
40
MAL219690211E3
5.6
45 000 000
25 x 15 x 10.0
3 pin
K
15
10
85
0.15
1.0
2.0
200.0
40
MAL219690212E3
1.4
90 000 000
35 x 25 x 5.0
3 pin
H
25
10
85
0.5 0.015 0.045
115.0
25
MAL219690116E3
2.8
90 000 000
35 x 25 x 7.5
3 pin
H
25
10
85
0.5
0.03 0.090
230.0
25
MAL219690113E3
4.2
90 000 000
35 x 25 x 10.0
3 pin
H
25
10
85
0.5
0.04 0.135
345.0
25
MAL219690111E3
5.6
90 000 000
35 x 25 x 15.0
3 pin
H
25
10
85
0.5
0.06 0.180
460.0
25
MAL219690112E3
7.0
90 000 000
35 x 25 x 17.5
3 pin
H
25
10
85
0.5 0.075 0.225
575.0
25
MAL219690117E3
8.4
90 000 000
35 x 25 x 20.0
3 pin
H
25
10
85
0.5
0.09 0.270
690.0
25
MAL219690118E3
LOAD CURRENTS AND VOLTAGES
CR
(μF)
RECOMMENDED
CHARGE CURRENT
MAX. CHARGE
CURRENT
MAX. DISCHARGE
CURRENT
LOWEST DISCHARGE
VOLTAGE (1)
4 000 000
2 mA to 8 mA
14 mA
25 mA
n x 0.8 V
15 000 000
5 mA to 20 mA
50 mA
70 mA
n x 0.8 V
45 000 000
30 mA to 300 mA
0.5 A
0.5 A
n x 0.8 V
90 000 000
0.3 A to 1 A
1.5 A
3 A
n x 0.8 V
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
Ø D x L
D x L x H
(mm)
CASE
CODE
FORM
F
(mm)
F1
(mm)
UCT
(°C)
IL
24 h
(mA)
ESR
AC (1)
1 kHz
(
)
ESR
DC (2)
(
)
MIN.
STORAGE
ENERGY
(Ws)
PACKAGING
QUANTITIES
ORDERING CODE


Similar Part No. - MAL219691111E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219691111E3 VISHAY-MAL219691111E3 Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
MAL219691111E3 VISHAY-MAL219691111E3 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
More results

Similar Description - MAL219691111E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
   Hybrid Energy Storage Capacitors
Revision: 13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
   Hybrid Energy Storage Capacitors
Revision: 09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
   Hybrid Energy Storage Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
   Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com