Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18122E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 18122E3
Description  Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18122E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  18122E3 Datasheet HTML 1Page - Vishay Siliconix 18122E3 Datasheet HTML 2Page - Vishay Siliconix 18122E3 Datasheet HTML 3Page - Vishay Siliconix 18122E3 Datasheet HTML 4Page - Vishay Siliconix 18122E3 Datasheet HTML 5Page - Vishay Siliconix 18122E3 Datasheet HTML 6Page - Vishay Siliconix 18122E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
096 PLL-4TSI
www.vishay.com
Vishay BCcomponents
Revision: 14-Oct-16
3
Document Number: 28392
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 096 series
820 μF / 385 V;
Printed wiring:
Ordering code: MAL2 096 18821 E3
Former 12NC:
2222 096 18821
4-terminal snap-in:
Ordering code: MAL2 096 68821 E3
Former 12NC:
2222 096 68821
Table 2
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø DMAX.
4T-SI
Lmax.
PW
L + 5
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD BOX
DIMENSIONS
L x W x H
35 x 50
36
52
55
72
50
390 x 198 x 60
35 x 60
36
62
65
91
50
390 x 198 x 70
35 x 70
36
72
75
103
50
377 x 375 x 97
35 x 80
36
82
85
115
50
377 x 375 x 107
35 x 100
36
102
105
151
50
377 x 375 x 127
40 x 40
41
42
45
70
50
440 x 223 x 60
40 x 50
41
52
55
94
50
440 x 223 x 70
40 x 60
41
62
65
118
25
230 x 230 x 80
40 x 70
41
72
75
134
25
230 x 230 x 90
40 x 80
41
82
85
150
25
230 x 230 x 100
40 x 100
41
102
105
176
25
230 x 230 x 120
45 x 40
46
42
-
88
36
TBD
45 x 50
46
52
-
119
36
377 x 375 x 77
45 x 60
46
62
-
150
36
377 x 375 x 87
45 x 70
46
72
-
170
36
377 x 375 x 97
45 x 80
46
82
-
190
36
377 x 375 x 107
45 x 100
46
102
-
250
36
377 x 375 x 127
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz
IR
Rated RMS ripple current at 100 Hz and 85 °C
IL5
Max. leakage current after 5 min at UR
ESR
Max. equivalent series resistance at 100 Hz
Z
Max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IL5
5 min
(μA)
ESR
100 Hz
(m
)
Zmax.
10 kHz
(m
)
CATALOG NUMBER
MAL2096.......
4T-SI
PW
350
820
35 x 50
4.0
578
126
82
15821E3
65821E3
820
40 x 40
3.8
578
134
90
25821E3
75821E3
1000
35 x 60
4.7
704
104
67
15102E3
65102E3
1000
40 x 50
4.8
704
108
72
25102E3
75102E3
1200
35 x 70
5.3
844
87
57
15122E3
65122E3
1200
40 x 60
5.4
844
90
59
25122E3
75122E3
1500
35 x 80
6.0
1054
71
47
15152E3
65152E3
1500
40 x 70
6.2
1054
73
49
25152E3
75152E3
1500
45 x 60
6.3
1054
76
52
35152E3
-
1800
40 x 80
6.9
1264
62
41
25182E3
75182E3
1800
45 x 60
6.6
1264
68
48
35182E3
-
2200
40 x 100
8.2
1544
51
34
25222E3
75222E3
2200
45 x 70
7.4
1544
57
41
35222E3
-
2700
45 x 100
9.2
1894
44
30
35272E3
-


Similar Part No. - 18122E3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
18122221 MOLEX1-18122221 Datasheet
57Kb / 1P
   CRIMP TERMINAL, MALE, . 125 /(3.17) DIA 16-18 AWH .120/(3.05) DIA/ INSUL.
logo
AVX Corporation
18122C104J4T2A AVX-18122C104J4T2A Datasheet
98Kb / 5P
   Automotive MLCC
18122C104J4T4A AVX-18122C104J4T4A Datasheet
98Kb / 5P
   Automotive MLCC
18122C104J4U2A AVX-18122C104J4U2A Datasheet
98Kb / 5P
   Automotive MLCC
18122C104J4U4A AVX-18122C104J4U4A Datasheet
98Kb / 5P
   Automotive MLCC
More results

Similar Description - 18122E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
095PLL4TSI VISHAY-095PLL4TSI_15 Datasheet
107Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
095PLL-4TSI VISHAY-095PLL-4TSI_16 Datasheet
124Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
096-PLL-4TSI VISHAY-096-PLL-4TSI Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_V01 Datasheet
104Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL-4TSI VISHAY-096PLL-4TSI_V01 Datasheet
105Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
01-Jan-2023
096PLL4TSI VISHAY-096PLL4TSI_15 Datasheet
109Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 21-May-15
096PLL-4TSI VISHAY-096PLL-4TSI_16 Datasheet
126Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 10-Aug-11
095PLL-4TSI VISHAY-095PLL-4TSI Datasheet
104Kb / 7P
   Aluminum Capacitors Power Long Life 4 Terminal Snap-In
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
   Aluminum Capacitors Power Long Life 4-Terminal Snap-In
Revision: 08-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com