Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52122E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 52122E3
Description  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

52122E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  52122E3 Datasheet HTML 1Page - Vishay Siliconix 52122E3 Datasheet HTML 2Page - Vishay Siliconix 52122E3 Datasheet HTML 3Page - Vishay Siliconix 52122E3 Datasheet HTML 4Page - Vishay Siliconix 52122E3 Datasheet HTML 5Page - Vishay Siliconix 52122E3 Datasheet HTML 6Page - Vishay Siliconix 52122E3 Datasheet HTML 7Page - Vishay Siliconix 52122E3 Datasheet HTML 8Page - Vishay Siliconix 52122E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
7
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Fig. 6 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
Note
• Multiplier of useful life code: MGA454
Table 4
ENDURANCE TEST DURATION AND USEFUL LIFE
ENDURANCE
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
2000
5000
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
100
120
200
1000
 10 000
IR MULTIPLIER
0.90
0.95
1.00
1.15
1.30
1.40
1.3
1.2
1.1
1.0
0.8
0.5
0.0
40
50
60
70
80
90
T
amb (°C)
I
A
I
R
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
(1)
2.4
2.5
2.6
2.7
100
110
life multiplier
MGA454
I
A = Actual ripple current at 120 Hz
I
R = Rated ripple current at 120 Hz and 105 °C
(1) Useful life at 105 °C and I
R applied: 5000 h


Similar Part No. - 52122E3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
521225-1 TEC-521225-1 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
521225-2 TEC-521225-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
521227-1 TEC-521227-1 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
521227-2 TEC-521227-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
521228-1 TEC-521228-1 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 52122E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_V01 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
159PUL-SI VISHAY-159PUL-SI_V01 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI_15 Datasheet
107Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 20-May-15
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com