Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS92692-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92692-Q1
Description  High Accuracy LED Controller With Spread Spectrum Frequency Modulation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92692-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS92692-Q1 Datasheet HTML 1Page - Texas Instruments TPS92692-Q1 Datasheet HTML 2Page - Texas Instruments TPS92692-Q1 Datasheet HTML 3Page - Texas Instruments TPS92692-Q1 Datasheet HTML 4Page - Texas Instruments TPS92692-Q1 Datasheet HTML 5Page - Texas Instruments TPS92692-Q1 Datasheet HTML 6Page - Texas Instruments TPS92692-Q1 Datasheet HTML 7Page - Texas Instruments TPS92692-Q1 Datasheet HTML 8Page - Texas Instruments TPS92692-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
VCTRL
TPS92692-Q1
VIN
VREF
FLT
SS
DM
RT
COMP
IMON
IADJ
DIM/PWM
VCC
GATE
IS
GND
SLOPE
OV
CSP
CSN
PDRV
RAMP
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VIN
LED +
LED í
L
CIN
CVREF
CSS
CDM
RT
CCOMP
CIMON
RADJ2
RADJ1
RDIM2
RDIM1
RSLP
RIS
CVCC
ROV1
ROV2
COUT
CRAMP
RCS
QM
QDIM
D
DDIM
PAD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS92692, TPS92692-Q1
SLVSDD9 – MARCH 2017
TPS92692, TPS92692-Q1 High Accuracy LED Controller With
Spread Spectrum Frequency Modulation
1
1 Features
1
Wide Input Voltage: 4.5 V to 65 V
Better than ± 4% LED Current Accuracy over
–40°C to 150°C Junction Temperature Range
Spread Spectrum Frequency Modulation for
Improved EMI
Comprehensive Fault Protection Circuitry with
Current Monitor output and Open Drain Fault Flag
Indicator
Internal Analog Voltage to PWM Duty Cycle
Generator for stand-alone Dimming Operation
Compatible with Direct PWM Input with over
1000:1 Dimming Range
Analog LED Current Adjust Input (IADJ) with over
15:1 Contrast Ratio
Integrated P-Channel Driver to enable Series FET
Dimming and LED Protection
TPS92692-Q1: Automotive Q100 Grade 1
Qualified
2 Applications
TPS92692-Q1: Automotive Exterior Lighting
Applications
Driver Monitoring Systems (DMS)
LED General Lighting Applications
Exit Signs and Emergency Lighting
3 Description
The TPS92692 and TPS92692-Q1 are high accuracy
peak current mode based controllers designed to
support step-up/down LED driver topologies. The
device incorporates a rail-to-rail current amplifier to
measure LED current and spread spectrum frequency
modulation technique for improved EMI performance.
This
high
performance
LED
controller
can
independently modulate LED current using either
analog or PWM dimming techniques. Linear analog
dimming response with over 15:1 range is obtained
by varying the voltage across the high impedance
analog adjust (IADJ) input. PWM dimming of LED
current
is
achieved
by
directly
modulating
the
DIM/PWM input pin with the desired duty cycle or by
enabling the internal PWM generator circuit. The
PWM
generator
translates
the
DC
voltage
at
DIM/PWM
pin
to
corresponding
duty
cycle
by
comparing it to the internal triangle wave generator.
The optional PDRV gate driver output can be used to
drive an external P-Channel series MOSFET.
The TPS92692 and TPS92692-Q1 devices support
continuous LED status check through the current
monitor (IMON) output. The devices also include an
open drain fault indicator output to indicate LED
overcurrent,
output
overvoltage
and
output
undervoltage conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS92692-Q1
HTSSOP (20)
5.10 mm × 6.60 mm
TPS92692
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Typical Boost LED Driver


Similar Part No. - TPS92692-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92692-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
   110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
   110V LED Controller with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
   Spread Spectrum Baseband Controller
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com