Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 80C012
Description  OPTICAL SAMPLING MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  80C012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Optical Signal Analysis
www.tektronix.com/optical
5
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Modules (continued)
Module
80C12
Option
F1
F2
F3
F4
F5
F6
FC
10G
CR*1
CR*2
Bandwidth
4.25
9
9
4.25
9
9
9
10
(GHz)
Wavelength
700-1650
700-1650
700-1650
700-1650
700-1650
700-1650
700-1650
700-1650
Range (nm)
Fiber Input
9 &
9 &
9 &
9 &
9 &
9 &
9 &
9 &
(µm)
62.5
62.5
62.5
62.5
62.5
62.5
62.5
62.5
Mask Test
–15
–15
–15
–15
–15
–15
–15
–12
Sensitivity (dBm)
Number of
1
1
1
1
1
1
1
1
Channels
Rates Supported:
= Filter, = Optical Clock Recovery,
= Electrical Clock Recovery
155 Mb/s
◆◆
622 Mb/s
◆◆
1063 Mb/s
■■
◆◆
1250 Mb/s
◆◆
2125 Mb/s
■■
◆◆
2488 Mb/s
◆◆
2500 Mb/s
◆◆
3.125 Gb/s
■■
◆◆
3.188 Gb/s
■■
◆◆
3.32 Gb/s
◆◆
4.25 Gb/s
■■
■■
◆◆
9.95 Gb/s
10.31 Gb/s
10.52 Gb/s
10.66 Gb/s
10.71 Gb/s
11.1 Gb/s
*1With 80A05.
*2With 80A05 Option 10G.


Similar Part No. - 80C012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
   Optical receiver modules
2000 Apr 12
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
   Optical receiver modules
2000 Apr 04
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
   PINFET optical receiver modules
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
   Optical Spectrum Analyzer Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
   LambdaDriver짰 Passive Optical Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
   Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com