Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C44VQ6500A7TJ Datasheet(PDF) 5 Page - Kemet Corporation

Part # C44VQ6500A7TJ
Description  C44U Series, 600 - 1,300 VDC, for DC Link
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44VQ6500A7TJ Datasheet(HTML) 5 Page - Kemet Corporation

  C44VQ6500A7TJ Datasheet HTML 1Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 2Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 3Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 4Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 5Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 6Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 7Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 8Page - Kemet Corporation C44VQ6500A7TJ Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3049_C44U_RADIAL • 9/20/2016
5
Aluminum Can Power Film Capacitors
C44U Series, 600 – 1,300 VDC, for DC Link
Table 1A – Ratings & Part Number Reference
Cap
Value
(µF)
VDC
Maximum
Dimensions (mm)
Ripple
Current
Peak
Current
ESR
ESL
Thermal
Res
dV/dt
(V/µs)
Pkg
Qty
Weight
(grams)
Part Number
Group A Heavy
Duty
D
H
H1
10 kHz
40°C
(A)1
(A)
10 kHz
(mΩ)
(nH)
(°C/W)
120
700
76
55
61
63
2520
1.1
36
9.9
21
18
280
C44UJGT6120A7TK
160
700
85
55
61
73
3360
0.9
36
8.6
21
10
354
C44UJGT6160A8TK
175
700
76
70
76
62
2450
1.4
40
8.2
14
18
348
C44UJGT6175A7TK
225
700
85
70
76
70
3150
1.2
40
7.2
14
10
414
C44UJGT6225A8TK
350
700
76
120
126
55
2450
2.8
50
5.3
7
9
569
C44UJGT6350A7SK
425
700
76
140
146
55
2550
3.2
60
4.6
6
9
656
C44UJGT6425A7SK
450
700
85
120
126
65
3150
2.3
50
4.6
7
5
723
C44UJGT6450A8SK
550
700
85
140
146
65
3300
2.6
60
4.1
6
5
831
C44UJGT6550A8SK
75
900
76
55
61
57
1950
1.4
36
9.9
26
18
283
C44UOGT5750A7TK
100
900
85
55
61
65
2600
1.2
36
8.6
26
10
355
C44UOGT6100A8TK
110
900
76
70
76
57
1870
1.6
40
8.2
17
18
324
C44UOGT6110A7TK
150
900
85
70
76
65
2550
1.4
40
7.2
17
10
437
C44UOGT6150A8TK
220
900
76
120
126
50
1980
3.3
50
5.3
9
9
574
C44UOGT6220A7SK
275
900
76
140
146
50
1925
3.8
60
4.6
7
9
654
C44UOGT6275A7SK
300
900
85
120
126
60
2700
2.7
50
4.6
9
5
711
C44UOGT6300A8SK
350
900
85
140
146
60
2450
3.0
60
4.1
7
5
833
C44UOGT6350A8SK
50
1100
76
55
61
52
1550
1.6
36
9.9
31
18
265
C44UQGT5500A7TK
70
1100
85
55
61
62
2170
1.3
36
8.6
31
10
356
C44UQGT5700A8TK
75
1100
76
70
76
58
1575
1.6
40
8.2
21
18
352
C44UQGT5750A7TK
100
1100
85
70
76
60
2100
1.7
40
7.2
21
10
414
C44UQGT6100A8TK
150
1100
76
120
126
45
1650
4.1
50
5.3
11
9
577
C44UQGT6150A7SK
190
1100
76
140
146
47
1710
4.3
60
4.6
9
9
654
C44UQGT6190A7SK
200
1100
85
120
126
55
2200
3.2
50
4.6
11
5
723
C44UQGT6200A8SK
250
1100
85
140
146
55
2250
3.6
60
4.1
9
5
824
C44UQGT6250A8SK
Cap
Value
VDC
D
H
H1
Ripple
Current
Peak
Current
ESR
ESL
Thermal
Res
dV/dt
(V/µs)
Pkg
Qty
Weight
Part Number
1
Current values that lead to a ΔT of ~85°C in the Hot Spot T
HS = TAMB + ΔT = 85°C
For Packaging quantities not listed, please contact KEMET.


Similar Part No. - C44VQ6500A7TJ

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C44VH10 CDIL-C44VH10 Datasheet
209Kb / 3P
   NPN PLASTIC POWER TRANSISTOR
More results

Similar Description - C44VQ6500A7TJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44UQGT6500F8SK KEMET-C44UQGT6500F8SK Datasheet
385Kb / 10P
   600 ??1,300 VDC, for DC Link
C44UJGT6550A8SK KEMET-C44UJGT6550A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 550 uF, 10%, 700 V
C44UOGT6350A8SK KEMET-C44UOGT6350A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 350 uF, 10%, 900 V
C44UOGT6100A8TK KEMET-C44UOGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 900 V
C44UQGT6100A8TK KEMET-C44UQGT6100A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 100 uF, 10%, 1,100 V
C44UJGT6225A8TK KEMET-C44UJGT6225A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 225 uF, 10%, 700 V
C44UJGT6425A7SK KEMET-C44UJGT6425A7SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V
C44UJGT6120A7TK KEMET-C44UJGT6120A7TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 120 uF, 10%, 700 V
C44UOGT6150A8TK KEMET-C44UOGT6150A8TK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 150 uF, 10%, 900 V
C44UQGT6250A8SK KEMET-C44UQGT6250A8SK_17 Datasheet
113Kb / 1P
   Film, Metallized Polypropylene, DC Link, C44U, 250 uF, 10%, 1,100 V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com