Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOW7843FDWE Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISOW7843FDWE
Description  High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolators With Integrated High-Efficiency, Low-Emissions DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISOW7843FDWE Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISOW7843FDWE Datasheet HTML 5Page - Texas Instruments ISOW7843FDWE Datasheet HTML 6Page - Texas Instruments ISOW7843FDWE Datasheet HTML 7Page - Texas Instruments ISOW7843FDWE Datasheet HTML 8Page - Texas Instruments ISOW7843FDWE Datasheet HTML 9Page - Texas Instruments ISOW7843FDWE Datasheet HTML 10Page - Texas Instruments ISOW7843FDWE Datasheet HTML 11Page - Texas Instruments ISOW7843FDWE Datasheet HTML 12Page - Texas Instruments ISOW7843FDWE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
ISOW7840, ISOW7841, ISOW7842, ISOW7843, ISOW7844
www.ti.com
SLLSEY2 – MARCH 2017
Product Folder Links: ISOW7840 ISOW7841 ISOW7842 ISOW7843 ISOW7844
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
VSI= input side supply; VSO= output side supply
(2)
Current available to load should be derated by 2 mA/°C for TA > 80°C.
7.9 DC Electrical Characteristics—5-V Input, 5-V Output
These specifications are for the ISOW7841 and ISOW7841F devices only; VCC = 5 V ±10%, SEL shorted to VISO (over
recommended operating conditions, unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Current drawn from supply
No external IISO; VI = 0 V (ISOW7841); VI =
VSI
(1) (ISOW7841 with F suffix)
23
mA
No external IISO; VI = VSI(ISOW7841); VI = 0 V
(ISOW7841 with F suffix)
17
All channels switching with square wave clock
input of 0.5 MHz; CL = 15 pF,
No external IISO
20
All channels switching with square wave clock
input of 5 MHz; CL = 15 pF,
No external IISO
24
All channels switching with square wave clock
input of 50 MHz; CL = 15 pF,
No external IISO
54
IISO(OUT)
(2)
Current available to isolated
supply
VI = 0 V (ISOW7841); VI = VSI (ISOW7841
with F suffix)
128
mA
VI = VSI(ISOW7841); VI = 0 V (ISOW7841 with
F suffix)
130
All channels switching with square wave clock
input of 0.5 MHz; CL = 15 pF
128
All channels switching with square wave clock
input of 5 MHz; CL = 15 pF
127
All channels switching with square wave clock
input of 50 MHz; CL = 15 pF
112
VISO
Isolated supply voltage
External IISO = 0 to 50 mA
4.75
5.07
5.43
V
External IISO = 0 to 130 mA
4.5
5.07
5.43
VISO(LINE)
DC line regulation
IISO = 50 mA, VCC = 4.5 V to 5.5 V
2
mV/V
VISO(LOAD)
DC load regulation
IISO = 0 to 130 mA
1%
EFF
Efficiency at maximum load
current
IISO = 130 mA, CLOAD = 0.1 µF || 10 µF;
VI = VSI (ISOW7841); VI = 0 V (ISOW7841
with F suffix)
53%
VCC+(UVLO)
Positive-going UVLO threshold
on VCC, VISO
2.7
V
VCC–(UVLO)
Negative-going UVLO threshold
on VCC, VISO
2.1
V
VHYS (UVLO)
UVLO threshold hysteresis on
VCC, VISO
0.2
V
VITH
Input pin rising threshold
0.7
VSI
VITL
Input pin falling threshold
0.3
VSI
VI(HYS)
Input pin threshold hysteresis
(INx)
0.1
VSI
IIL
Low level input current
VIL = 0 at INx or SEL
–10
µA
IIH
High level input current
VIH = VSI
(1) at INx or SEL
10
µA
VOH
High level output voltage
IO = –4 mA, see Figure 24
VSO
(1)
0.4
VSO
0.2
V
VOL
Low level output voltage
IO = 4 mA, see Figure 24
0.2
0.4
V
CMTI
Common mode transient
immunity
VI = VSI or 0 V, VCM = 1000 V; see Figure 25
100
kV/us
ICC_SC
DC current from supply under
short circuit on VISO
VISO shorted to GND2
137
mA
VISO(RIP)
Output ripple on isolated supply
(pk-pk)
20-MHz bandwidth, CLOAD = 0.1 µF || 20 µF,
IISO = 130 mA
100
mV


Similar Part No. - ISOW7843FDWE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWEQ1 TI1-ISOW7841AQDWEQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841AQDWERQ1 TI1-ISOW7841AQDWERQ1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
More results

Similar Description - ISOW7843FDWE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOW7821 TI1-ISOW7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 5000-VRMS Reinforced Dual-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7841A-Q1 TI1-ISOW7841A-Q1_V01 Datasheet
1Mb / 42P
[Old version datasheet]   ISOW7841A-Q1 Automotive High-Performance, 5000-VRMS Reinforced Quad-Channel Digital Isolator With Integrated High-Efficiency, Low-Emissions DC-DC Converter
ISOW7741 TI-ISOW7741 Datasheet
2Mb / 41P
[Old version datasheet]   ISOW7741 5000-VRMS Reinforced Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
ISOW7740 TI-ISOW7740_V01 Datasheet
4Mb / 63P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
APRIL 2022
ISOW7740 TI-ISOW7740 Datasheet
4Mb / 62P
[Old version datasheet]   ISOW774x Quad-Channel Digital Isolator with Integrated Low-Emissions, Low-Noise DC-DC Converter
REVISED JANUARY 2022
ISOW7741-Q1 TI-ISOW7741-Q1 Datasheet
4Mb / 61P
[Old version datasheet]   ISOW774x-Q1 Quad-Channel Digital Isolator with Integrated Low-Emissions, Low- Noise DC-DC Converter
NOVEMBER 2022
ISOW1044 TI-ISOW1044 Datasheet
2Mb / 34P
[Old version datasheet]   ISOW1044 5-kVRMS Reinforced Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
   QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
   Quad Digital Isolators with DC-DC Converter
A July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com